Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-UE78-BX127-00XX1 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-UE78-BX127-00XX1
Description  SEE AMPHENOL PART NUMBER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-UE78-BX127-00XX1 Datasheet(HTML) 1 Page - Amphenol Corporation

  P-UE78-BX127-00XX1 Datasheet HTML 1Page - Amphenol Corporation P-UE78-BX127-00XX1 Datasheet HTML 2Page - Amphenol Corporation P-UE78-BX127-00XX1 Datasheet HTML 3Page - Amphenol Corporation P-UE78-BX127-00XX1 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PROPOSAL
J.SI
A.GREEN
JUL 06,12
D
C
B
A
A
B
C
D
Amphenol Canada Corp.
REF.
SCALE
SIZE
PROJECT
DWG. NO.
AUG 15,11
ADD 2X8 OPTION
DESIGNED
1 OF 4
WITH DOUBLE BEND LATCH
DATE
APPROVALS
DRAWN
CHECKED
A3
MODIFY THE DIMENSION BETWEEN PCB AND BEZEL
TOLERANCES ARE:
DECIMALS
ANGLES
B
SHEET
A.G
QA APPD
AUG 07,11
REV.
IE APP'D
DWG APP'D
UNLESS OTHERWISE SPECIFIED
1
0.15
MATERIAL AND FINISH
DO NOT SCALE DRAWING
1
2
3
4
5
6
8
8
7
6
5
4
32
1
REVISIONS
REV.
DESCRIPTION
A.G
D
SFP 2XN STACKED COMBO
DIMENSIONS ARE IN MILLIMETERS
OR USED FOR MANUFACTURING PUPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
TITLE
2:1
D
7
CODE IDENT. NO.
03554
A
DATE
APPROVED
ECN
APR 29,11
P-UE78-BX127-00XX1
APR 29,11
APR 29,11
A.G
N/A
X
MIKE.H
APR 29,11
J.SI APR 29,11
C
ADD THE THICKNESS DIM AND TRACE KEEP OUT AREA OF THE PCB
X.X 0.25
X.XX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
J.SI
1
3 = 30 μ" MIN. GOLD ON MATING AREA
PRESS FIT CONNECTOR PLATING
PACKAGING
PACKAGING:
CONNECTOR - PRESS FIT
PLASTIC HOUSING:
150-300 μ" MATTE TIN ON TERMINATION
3 = MATTE TIN PLATING
PLATING:
COPPER ALLOY
SEE AMPHENOL PART NUMBER
FLAMMABILITY RATING UL94-0.
2 = NICKEL PLATING
CONFIGURATION FOR OPTIONS.
LIQUID CRYSTAL POLYMER (LCP),
CAGE PLATING
6 = 15 μ" MIN. GOLD ON MATING AREA
TRAY PACKAGING.
1 = TRAY PACKAGING
PHOSPHOR BRONZE
SEE AMPHENOL PART NUMBER
CONFIGURATION FOR OPTIONS.
150-300 μ" MATTE TIN ON TERMINATION
CONTACTS:
PLATING OPTION:
TEMPARATURE RANGE:
-40°C TO +85°C
MATERIAL:
CAGE - PRESS FIT:
AMPHENOL PART NUMBER CONFIGURATION
UE78 - B X 1 2 7 - 0 0 X X
E=RoHS COMPLIANT
NUMBER OF PORTS
1 = 2X1
2 = 2X2
4 = 2X4
5 = 2X5
6 = 2X6
8 = 2x8
UE78-B4127-00XX1
UE78-B6127-00XX1
UE78-B2127-00XX1
DATE CODE
PART NUMBER
(LAST DIGIT INDICATING
PACKAGING TYPE,
NOT PRINTED ON THE PART)
UE78-B1127-00XX1
UE78-B5127-00XX1
UE78-B8127-00XX1


Similar Part No. - P-UE78-BX127-00XX1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE78-B1126 AMPHENOL-P-UE78-B1126 Datasheet
183Kb / 4P
   SFP STACKED COMBO WITH PRESS FIT PINS CONNECTOR AND CAGE)
P-UE78-B1126-00XX1 AMPHENOL-P-UE78-B1126-00XX1 Datasheet
183Kb / 4P
   SEE AMPHENOL PART NUMBER
More results

Similar Description - P-UE78-BX127-00XX1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE78-B1126-00XX1 AMPHENOL-P-UE78-B1126-00XX1 Datasheet
183Kb / 4P
   SEE AMPHENOL PART NUMBER
logo
PANDUIT CORP.
SE12PFR-MR10 PANDUIT-SE12PFR-MR10 Datasheet
93Kb / 1P
   SEE PART NUMBER DESCRIPTION
logo
Amphenol Corporation
P-UE76-3GA20-X600T AMPHENOL-P-UE76-3GA20-X600T Datasheet
185Kb / 3P
   AMPHENOL PART NUMBER CONFIGURATION
logo
Silicon Laboratories
C10879 SILABS-C10879 Datasheet
107Kb / 3P
   PLATING: SEE PART NUMBER CODING OPERTING
logo
List of Unclassifed Man...
N30E930000L ETC2-N30E930000L Datasheet
91Kb / 1P
   PART NUMBER SEE PART NUMBER INFORMATION DESCRIPTION CM 37 90 DEGREE LOW PROFILE COVER
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com