Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-UE86-3G1620-X0X61 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-UE86-3G1620-X0X61
Description  OPTIONS AND EMI SPRING FINGER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-UE86-3G1620-X0X61 Datasheet(HTML) 1 Page - Amphenol Corporation

  P-UE86-3G1620-X0X61 Datasheet HTML 1Page - Amphenol Corporation P-UE86-3G1620-X0X61 Datasheet HTML 2Page - Amphenol Corporation P-UE86-3G1620-X0X61 Datasheet HTML 3Page - Amphenol Corporation P-UE86-3G1620-X0X61 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PACKAGING
8 - 3 LP PER 2X1, 2 OUTER LP, REVERSING ORIENTATION
LIGHT PIPE OPTION
0 - NO LIGHT PIPE
1 - 4 LP PER 2X1, NORMAL ORIENTATION
2 - 2 INNER LP PER 2X1, NORMAL ORIENTATION
3 - 2 OUTER LP PER 2X1, NORMAL ORIENTATION
4 - 4 LP PER 2X1, REVERSING ORIENTATION
5 - 2 INNER LP PER 2X1, REVERSING ORIENTATION
6 - 2 OUTER LP PER 2X1, REVERSING ORIENTATION
7 - 3 LP PER 2X1, 2 OUTER LP, NORMAL ORIENTATION
150~300µ" MATTE TIN ON TERMINATION
PLATING OPTIONS FOR CONNECTOR
2 - 30µ" GOLD PLATING ON MATING AREA
15~100µ" MATTE TIN ON TERMINATION
3 - 30µ" GOLD PLATING ON MATING AREA
150~300µ" MATTE TIN ON TERMINATION
5 - 15µ" GOLD PLATING ON MATING AREA
15~100µ" MATTE TIN ON TERMINATION
6 - 15µ" GOLD PLATING ON MATING AREA
AMPHENOL PART NUMBER
CONFIGURATION
UE86 - 3G 1 6 20 - X 0 X 61
1 - TRAY PACKAGING (STACKED)
PRINTED ON THE PART)
PART NUMBER
(LAST DIGIT INDICATING
PACKAGING TYPE. NOT
DATE CODE
4 LIGHT PIPES
UE86-3G1620-10X61
2 INNER LIGHT PIPES
UE86-3G1620-20X61
2 OUTER LIGHT PIPES
UE86-3G1620-30X61
4 LIGHT PIPES UPSIDE DOWN
UE86-3G1620-40X61
2 INNER LIGHT PIPES UPSIDE DOWN
UE86-3G1620-50X61
2 OUTER LIGHT PIPES UPSIDE DOWN
UE86-3G1620-60X61
MATERIAL: (RoHS COMPLIANT)
CAGE - PRESS FIT: COPPER ALLOY (NICKEL SILVER)
1.
CONNECTOR - PRESS FIT:
2.
- PLASTIC HOUSING: LCP, FLAMMABILITY RATING UL94-V0
- CONTACTS: PHOSPHOR BRONZE
LIGHT PIPE: CLEAR POLYCABONATE, FLAMMABILITY RATING UL94-V0
3.
PACKAGING: TRAY PACKAGING
4.
TEMPERATURE RANGE: -40°C TO +85°C
5.
REVISIONS
REV. ECN
DESCRIPTION
DATE
APPROVED
C
UPDATE NOTES
AUG 15/14
J.SI
D
CHANGED PCB THICKNESS
NOV 03/15
J.SI
E
REMOVED DIM. ZONE A2, SHEET 2 OF 4 OCT 28/16
J.SI
REVISIONS
REV. ECN
DESCRIPTION
DATE
APPROVED
C
UPDATE NOTES
AUG 15/14
J.SI
D
CHANGED PCB THICKNESS
NOV 03/15
J.SI
E
REMOVED DIM. ZONE A2, SHEET 2 OF 4 OCT 28/16
J.SI
P-UE86-3G1620-X0X61
SHEET
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
SCALE:
REV
DWG. NO.
SEE NOTES
MATERIAL AND FINISH
A Division of Amphenol Corp. www.amphenolcanada.com
6
Amphenol High Speed Interconnects
OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
CODE ID NO.
NOV03/15
UNLESS SPECIFIED OTHERWISE
DRAWING
03554
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APP'D
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
DWG SIZE:
DO NOT
2.5:1
PROJECTION
1 OF 4
SCALE
REF.
3 DECIMAL PLACE
FEB 06/14
ANGLE
C
1
E
N/A
NOV03/15
ENG. REL. NO.
THIRD
ANGULAR DEGREES
J. SI
P. OU
J. SI
ECN Exxxxx
0.15
0.25
DIMENSIONS ARE IN MILLIMETERS
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACE
2X1 SFP ULTRAPORT WITH LIGHT PIPE
OPTIONS AND EMI SPRING FINGER
NO LIGHT PIPES
UE86-3G1620-00X61
3 LIGHT PIPES
UE86-3G1620-70X61
3 LIGHT PIPES UPSIDE DOWN
UE86-3G1620-80X61


Similar Part No. - P-UE86-3G1620-X0X61

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
More results

Similar Description - P-UE86-3G1620-X0X61

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G6620-X0X61 AMPHENOL-P-UE86-3G6620-X0X61 Datasheet
750Kb / 5P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G4620-X0X61 AMPHENOL-P-UE86-3G4620-X0X61 Datasheet
661Kb / 5P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G2620-X0X61 AMPHENOL-P-UE86-3G2620-X0X61 Datasheet
927Kb / 4P
   AND EMI SPRING FINGER
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
logo
TE Connectivity Ltd
2339640 TEC-2339640 Datasheet
92Kb / 2P
   6.0 HEIGHT SPRING FINGER
Rev. A
logo
Tyco Electronics
1551574-5 MACOM-1551574-5 Datasheet
144Kb / 2P
   SPRING FINGER H=2,60MM
logo
TE Connectivity Ltd
C-1551572 TEC-C-1551572 Datasheet
248Kb / 2P
   SPRING FINGER H=1,8
C-1551574 TEC-C-1551574 Datasheet
246Kb / 2P
   SPRING FINGER H=2.60mm
logo
Tyco Electronics
1551575-5 MACOM-1551575-5 Datasheet
143Kb / 2P
   SPRING FINGER H=3.0MM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com