Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70P247 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 70P247
Description  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70P247 Datasheet(HTML) 4 Page - Integrated Device Technology

  70P247 Datasheet HTML 1Page - Integrated Device Technology 70P247 Datasheet HTML 2Page - Integrated Device Technology 70P247 Datasheet HTML 3Page - Integrated Device Technology 70P247 Datasheet HTML 4Page - Integrated Device Technology 70P247 Datasheet HTML 5Page - Integrated Device Technology 70P247 Datasheet HTML 6Page - Integrated Device Technology 70P247 Datasheet HTML 7Page - Integrated Device Technology 70P247 Datasheet HTML 8Page - Integrated Device Technology 70P247 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
6.42
IDT70P257/247L
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
4
Truth Table II: Semaphore Read/Write Control(1)
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all of the I/O's (I/O0-I/O15). These eight semaphores are addressed by A0-A2.
Inputs
Outputs
Mode
CE
R/
W
OE
UB
LB
SEM
I/O8-15
I/O0-7
HH
L
X
X
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
XH
L
H
H
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
H
XX
X
L
DATAIN
DATAIN
Write DIN0 into Semaphore Flag
X
XH
H
L
DATAIN
DATAIN
Write DIN0 into Semaphore Flag
L
X
XL
XL
____
____
Not Allowed
LX
X
X
L
L
____
____
Not Allowed
5684 tbl 03
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
2. VTERM must not exceed VDD + 0.3V for more than 25% of the cycle time or 10ns maximum, and
is limited to < 20mA for the period over VTERM = VDD + 0.3V.
3. Ambient Temperature under DC Bias. No AC Conditions. Chip Deselected.
Symbol
Rating
Industrial
Unit
VTERM
Supply Voltage on VDD
with Respect to GND
-0.5 to +2.9
V
VTERM(2)
Terminal Voltage with
Respect to GND
-0.5 to VDD +0.3
V
TBIAS(3)
Temperature Under Bias
-55 to +125
oC
TSTG
Storage Temperature
-65 to +150
oC
TJN
Junction Temperature
+150
oC
IOUT
DC Output Current
20
mA
5684 tbl 04


Similar Part No. - 70P247

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70P247L55BYGI RENESAS-70P247L55BYGI Datasheet
463Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
More results

Similar Description - 70P247

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257 Datasheet
295Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P256 RENESAS-IDT70P256 Datasheet
465Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P257 RENESAS-IDT70P257 Datasheet
463Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258_09 Datasheet
174Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P258 RENESAS-IDT70P258 Datasheet
360Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258 Datasheet
351Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com