Electronic Components Datasheet Search |
|
SLPX391M350H3P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
SLPX391M350H3P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 9 page Temperature Range –40 ºC to +85 ºC ≤ 250 Vdc –25 ºC to +85 ºC ≥ 315 Vdc Rated Voltage Range 10 Vdc to 450 Vdc Capacitance Range 68 µF to 82,000 µF Capacitance Tolerance ±20% Leakage Current ≤ 3 √CV µA at 5 minutes Ripple Current Multipliers Ambient Temperature Low Temperature Characteristics Impedance ratio: Z –20⁰C ∕ Z+25⁰C ≤ 10 (10 Vdc) ≤ 8 (16–50 Vdc) ≤ 4 (63–100 Vdc) ≤ 3 (150–450 Vdc) Endurance Life 3,000 h @ full load @ 85 ºC Δ Capacitance ±20% ESR ≤200% of limit DCL 100 % of limit Shelf Life 1,000 h @ 85 ºC Δ Capacitance ±15% ESR ≤150% of limit DCL 100 % of limit Vibration 10 Hz to 55 Hz 0.06” and 10g max 2 h in each plane RoHS Compliant Type SLPX 85 °C Snap-In Aluminum Electrolytic Best Value 85 °C Snap-In Type Type SLPX is the best value package snap-in series for 85 ºC, 3000 h operation. This series is the most cost-effective choice for DC filtering and power supply applications where long life and high ripple capability are needed. Highlights - 3000 h ripple load life at rated voltage - 85 ºC rated - Small case size with high capacitance - Best for switching power supplies - 22 mm to 35 mm diameter, 10 mm lead spacing - Great value snap-in type - High ripple current Specifications 20 ºC - 45 ºC 55 ºC 65 ºC - 75 ºC 85 ºC 1.58 1.41 1.22 1.00 Voltage 60 Hz 120 Hz 1 kHz 10 kHz & Up 10 - 100 Vdc 0.90 1.00 1.15 1.25 160 - 450 Vdc 0.80 1.00 1.15 1.47 To apply multipliers, see ratings tables for ripple current values Frequency CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 |
Similar Part No. - SLPX391M350H3P3 |
|
Similar Description - SLPX391M350H3P3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |