Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELUM Datasheet(PDF) 5 Page - C&K Components

Part # ELUM
Description  Reliable self-cleaning contact
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ELUM Datasheet(HTML) 5 Page - C&K Components

  ELUM Datasheet HTML 1Page - C&K Components ELUM Datasheet HTML 2Page - C&K Components ELUM Datasheet HTML 3Page - C&K Components ELUM Datasheet HTML 4Page - C&K Components ELUM Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A-8
Dimensions
are shown: Inches (mm)
Specifications and dimensions subject to
change
www.ck-components.com
A
AVAILABLE HARDWARE
ELUM
TM Series
Right Angle Illuminated Latching Pushbutton
Third Angle
Projection
Cap
PART NO.
957C00000 High temperature black cap with univer-
sal standby symbol
956C02000 High temperature black cap with no
symbol
Material: 4/6 Nylon SMT compatible
Cap
PART NO.
181D01000 Paint and Laser Etched with black paint
and universal standby symbol
Material: Clear polycarbonate
Cap
PART NO.
181D00000 Paint and laser etched with white paint
underlay and black paint with universal standby symbol.
Material: Clear polycarbonate
NOTE: Caps are for use with the C22 actuator style. Other colors and symbols available, consult Customer Service Center.
.130
(3,3)
SNAP ON REF.
SURFACE
.050
(1,27)
.270
(6,86)
.120
(3,05)
.486
(12,33)
.050
(1,27)
.040
(1,02)
.150
(3,81)
CAP INSTALLATION
(6,86)
(12,33)
.486
.270
.150
(3,81)
.238
(6,05)
REF.
.724
.450
(11,43)
.810
(20,58)
REF. SURFACE
.237
(6,01)
SEE PAGE A-6 FOR
TRAVEL INFORMATION
PCB SURFACE
VIEW WITH 957C CAP INSTALLED
18,39
.032 MAX.
(0,81)
SUGGESTED END
OF PC BOARD


Similar Part No. - ELUM

ManufacturerPart #DatasheetDescription
logo
C&K Components
ELUM CK-COMPONENTS-ELUM Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMEESAQ1C02 ITT-ELUMEESAQ1C02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
ELUMEESAQ1C02 ITT-ELUMEESAQ1C02 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
ELUMEESAQ1C12 ITT-ELUMEESAQ1C12 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
ELUMEESAQ1C12 ITT-ELUMEESAQ1C12 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
More results

Similar Description - ELUM

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
1044350 PHOENIX-1044350 Datasheet
51Kb / 2P
   Cleaning cartridge - BM ID-CLEANING CARTR
09/12/2020
logo
List of Unclassifed Man...
UT8030 ETC2-UT8030 Datasheet
744Kb / 1P
   Ultrasonic Cleaning
logo
DISCO Corporation
DCS1440 DISCO-DCS1440 Datasheet
295Kb / 2P
   Automatic Cleaning System
DCS1441 DISCO-DCS1441 Datasheet
449Kb / 2P
   Automatic Cleaning System
logo
3M Electronics
4832-6000-CP 3M-4832-6000-CP Datasheet
392Kb / 4P
   Dual leaf, high compression contact provides reliable termination
logo
Glenair, Inc.
187-045 GLENAIR-187-045 Datasheet
192Kb / 1P
   Fiber Optic Cleaning Swab
187-021 GLENAIR-187-021 Datasheet
191Kb / 1P
   Fiber Optic Cleaning Swab
logo
IDEC Corporation
RY2KSU-DC24 IDEC-RY2KSU-DC24 Datasheet
295Kb / 4P
   Self-maintained Latch Relays DPDT ??3A contact capacity
logo
PANDUIT CORP.
FMTPFCT PANDUIT-FMTPFCT Datasheet
103Kb / 2P
   MTP Connector Cleaning Tools
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com