Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1530DM25R2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1530DM25R2
Description  600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1530DM25R2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1530DM25R2 Datasheet HTML 1Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 2Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 3Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 4Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 5Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 6Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 7Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 8Page - ON Semiconductor NCP1530DM25R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2004
November, 2004 − Rev. 3
1
Publication Order Number:
NCP1530/D
NCP1530
600 mA PWM/PFM
Step−Down Converter with
External Synchronization Pin
The NCP1530 is a PWM/PFM non−synchronous step−down
(Buck) DC−DC converter for usage in systems supplied from 1−cell
Li−ion, or 2 or more cells Alkaline/NiCd/NiMH batteries. It can
operate in Constant−Frequency PWM mode or PWM/PFM mode in
which the controller will automatically switch to PFM mode
operation at low output loads to maintain high efficiency. The
switching frequency can also be synchronized to external clock
between 600 kHz and 1.2 MHz. The maximum output current is up
to 600 mA. Applying an external synchronizing signal to SYN pin
can supersede the PFM operation.
The NCP1530 consumes only 47
mA (typ) of supply current
(VOUT = 3.0 V, no switching) and can be forced to shutdown mode by
bringing the enable input (EN) low. In shutdown mode, the regulator
is disabled and the shutdown supply current is reduced to
0.5
mA (typ). Other features include built−in undervoltage lockout,
internal thermal shutdown, an externally programmable soft−start
time and output current limit protection. The NCP1530 operates
from a maximum input voltage of 5.0 V and is available in a space
saving, low profile Micro8
™ package.
Features
Pb−Free Package is Available
High Conversion Efficiency, up to 92% at V
IN = 4.3 V,
VOUT = 3.3 V, IOUT = 300 mA
Current−Mode PWM Control
Automatic PWM/PFM Mode for Current Saving at Low Output Loads
Internal Switching Transistor Support 600 mA Output Current
(VIN = 5.0 V, VOUT = 3.3 V)
High Switching Frequency (600 kHz), Support Small Size Inductor
and Capacitor, Ceramic Capacitors Can be Used
Synchronize to External Clock Signal up to 1.2 MHz
100% Duty Cycle for Maximum Utilization of the Supply Source
Programmable Soft−Start Time through External Chip Capacitor
Externally Accessible Voltage Reference
Built−In Input Undervoltage Lockout
Built−In Output Overvoltage Protection
Power Saving Shutdown Mode
Space Saving, Low Profile Micro8 Package
Typical Applications
PDAs
Digital Still Camera
Cellular Phone and Radios
Portable Test Equipment
Portable Scanners
Portable Audio Systems
Micro8
]
DM SUFFIX
CASE 846A
1
8
PIN CONNECTIONS
http://onsemi.com
xxxx = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
MARKING
DIAGRAM
xxxx
ALYW
8
7
6
5
1
2
3
4
VIN
SYN
SS
GND
LX
VREF
VOUT
EN
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1530DM25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530DM25R2 ONSEMI-NCP1530DM25R2 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
More results

Similar Description - NCP1530DM25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
logo
ELMOS Semiconductor AG
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
   External Adjustable High Efficiency PFM Step-Down Converter
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com