Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG11MNR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NBSG11MNR2
Description  2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG11MNR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NBSG11MNR2 Datasheet HTML 2Page - ON Semiconductor NBSG11MNR2 Datasheet HTML 3Page - ON Semiconductor NBSG11MNR2 Datasheet HTML 4Page - ON Semiconductor NBSG11MNR2 Datasheet HTML 5Page - ON Semiconductor NBSG11MNR2 Datasheet HTML 6Page - ON Semiconductor NBSG11MNR2 Datasheet HTML 7Page - ON Semiconductor NBSG11MNR2 Datasheet HTML 8Page - ON Semiconductor NBSG11MNR2 Datasheet HTML 9Page - ON Semiconductor NBSG11MNR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NBSG11
http://onsemi.com
7
Table 9. AC CHARACTERISTICS for QFN-16 VCC = 0 V; VEE = -3.465 V to -2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 4. Fmax/JITTER) (Note 28)
10.5
12
10.5
12
10.5
12
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
90
125
160
90
125
160
90
125
160
ps
tSKEW
Duty Cycle Skew (Note 29)
Within-Device Skew (Note 30)
Device-to-Device Skew (Note 31)
3
6
25
15
15
50
3
6
25
15
15
50
3
6
25
15
15
50
ps
tJITTER
RMS Random Clock Jitter
fin < 10 GHz
Peak-to-Peak Data Dependent Jitter
fin < 10 Gb/s
0.2
TBD
1
0.2
TBD
1
0.2
TBD
1
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 32)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% - 80%) @ 1 GHz
15
30
55
20
30
55
20
30
55
ps
28. Measured using a 500 mV source, 50% duty cycle clock source. All loading with 50
W to VCC-2.0 V. For minimum fmax value of 10.5 GHz,
output amplitude is approximately 200 mV (as shown in Figure 4, where output P-P spec is shown as a minimum/guarantee of around
150 mV). Input edge rates 40 ps (20% - 80%).
29. See Figure 5. tSKEW = |tPLH - tPHL| for a nominal 50% Differential Clock Input Waveform.
30. Within-Device skew is defined as identical transitions on similar paths through a device.
31. Device-to-device skew for identical transitions at identical VCC levels.
32. VINPP (MAX) cannot exceed VCC - VEE.
0
100
200
300
400
500
600
12
34
56
78
9
10
11
12
INPUT FREQUENCY (GHz)
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
Figure 4. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) at Ambient Temperature (Typical)
OUTPUT AMP.
OUTPUT P-P SPEC
RMS JITTER


Similar Part No. - NBSG11MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11MNR2 ONSEMI-NBSG11MNR2 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG11MNR2G ONSEMI-NBSG11MNR2G Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG11MNR2G ONSEMI-NBSG11MNR2G Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
More results

Similar Description - NBSG11MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11_14 Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com