Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1530DM33R2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1530DM33R2
Description  600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1530DM33R2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1530DM33R2 Datasheet HTML 7Page - ON Semiconductor NCP1530DM33R2 Datasheet HTML 8Page - ON Semiconductor NCP1530DM33R2 Datasheet HTML 9Page - ON Semiconductor NCP1530DM33R2 Datasheet HTML 10Page - ON Semiconductor NCP1530DM33R2 Datasheet HTML 11Page - ON Semiconductor NCP1530DM33R2 Datasheet HTML 12Page - ON Semiconductor NCP1530DM33R2 Datasheet HTML 13Page - ON Semiconductor NCP1530DM33R2 Datasheet HTML 14Page - ON Semiconductor NCP1530DM33R2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP1530
http://onsemi.com
11
DETAILED OPERATING DESCRIPTION
Introduction
The NCP1530 series are step−down converters with a
smart control scheme that operates with 600 kHz fixed
Pulse Width Modulation (PWM) at moderate to heavy load
currents, so that high efficiency, noise free output voltage
can be generated. In order to improve the system efficiency
at light loads, this device can be configured to work in
auto−mode. In auto−mode operation, the control unit will
detect the loading condition and switch to power saving
Pulse Frequency Modulation (PFM) control scheme at
light load. With these enhanced features, the converter can
achieve
high
operating
efficiency
for
all
loading
conditions. Additionally, the switching frequency can also
be synchronized to external clock signal in between
600 kHz to 1.2 MHz range. The converter uses peak
current mode PWM control as a core, with the high
switching frequency incorporated. Good line and load
regulation can be achieved easily with small value ceramic
input
and
output
capacitors.
Internal
integrated
compensation voltage ramp ensures stable operation at all
operating modes. NCP1530 series are designed to support
up to 600 mA output current with cycle−by−cycle current
limit protection.
The Internal Oscillator
The oscillator that governs the switching of the PWM
control cycle is self contained and no external timing
component is required to setup the switching frequency.
For PWM mode and auto−mode operation, all timing
signals required for proper operation are derived from the
internal oscillator. The internal fix frequency oscillator is
trimmed to run at 600 kHz
" 20% over full temperature
range. In case the device is forced to operate at
Synchronization mode by applying an external clock signal
to SYN pin (pin 2), the external clock signal will supersede
the internal oscillator and take charge of the switching
operation.
Voltage Reference and Soft−Start
An internal high accuracy voltage reference is included
in NCP1530. This reference voltage governs all internal
reference levels in various functional blocks required for
proper operation. This reference voltage is precisely
trimmed to 1.2 V
" 1.5% over full temperature range. The
reference voltage can be accessed externally at VREF pin
(pin 7), with an external capacitor, CREF of 1.0
mF, privding
up to 5.0 mA of loading. Additionally, NCP1530 has a
Soft−Start circuit built around the voltage reference block
that provide limits to the inrush current during start−up by
controlling the ramp up of the internal voltage reference.
The soft−start time can be user adjusted by an external
capacitor, CSS, connecting to the SS pin (pin 3). During
converter powerup, a 50 nA current flowing out from the
SS pin will charge−up the timing capacitor. The voltage
across the SS pin controls the ramp up of the internal
reference voltage by slowly releasing it until the nominal
value is reached. For an external timing capacitor of value
CSS = 100 pF, the soft−start time is about 5.0 ms including
the small logic delay time, Figure 33 and 34. In the case
where the SS pin is left floating, a small built−in capacitor
together with other parasitic capacitance will provide a
minimum intrinsic soft−start time of 500
ms. As the
soft−start function is implemented by simple circuitry, the
final timing depends on non−linear functions, where
accurate deterination of the soft−start timing is impossible.
However, for simplicity, the empirical formula below can
be used to estimate the soft−start time with respect to the
value of the external capacitor.
tSS in ms [ 50
CSS in pF ) 500 ms
Current Mode Pulse−Width Modulation (PWM)
Control Scheme
With the SYN pin (pin 2) connected to VIN, the converter
will set to operate at constant switching frequency PWM
mode. NCP1530 uses peak current mode control scheme to
achieve good line and load regulation. The high switching
frequency, 600 kHz, and a carefully compensated internal
control loop, allows the use of low profile small value
ceramic type input and output capacitor for stable
operation. In current mode operation, the required ramp
function is generated by sensing the inductor current
(ISEN) and comparing with the voltage loop error
amplifier (OTA) output. The OTA output is derived from
feedback from the output voltage pin (VOUT − Pin 6) and
the internal reference voltage (VREF − Pin 7). See Figure 2.
On a cycle−by−cycle basis, the duty cycle is controlled to
keep the output voltage within regulation. The current
mode
approach
has
outstanding
line
regulation
performance
and
good
overall
system
stability.
Additionally, by monitoring the inductor current, a
cycle−by−cycle current limit protection is implemented.
Constant Frequency PWM scheme reduces output ripple
and noise, which is one of the important characteristics for
noise sensitive communication applications. The high
switching frequency allows the use of small size surface
mount components that saves significant PC board area and
improves layout compactness and EMI performance.


Similar Part No. - NCP1530DM33R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530DM33R2 ONSEMI-NCP1530DM33R2 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
More results

Similar Description - NCP1530DM33R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
logo
ELMOS Semiconductor AG
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
   External Adjustable High Efficiency PFM Step-Down Converter
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com