Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDD Datasheet(PDF) 2 Page - C&K Components

Part # TDD
Description  Bifurcated contact for increased electrical reliability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDD Datasheet(HTML) 2 Page - C&K Components

  TDD Datasheet HTML 1Page - C&K Components TDD Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
A
A
B
B
B
B
2
2
13
13
2.1
2.1
120°
120°
190
190
2X 0.2
2X 0.2
16.4
16.4
330
330
80
80
2
2
6,5
6,5
R0,3 MAX
R0,3 MAX
R0,3
R0,3
0,35 THK
8 TYP
8 TYP
DRAFT
DRAFT
16
16
7,5
7,5
1,75
1,75
2,65
2,65
4,1
4,1
4,1
4,1
5
5
2
2
6,5
6,5
DRAFT
DRAFT
3,2 REF
3,2 REF
1,5
1,5
1,5
1,5
4
4
DETAIL "B"
DETAIL "B"
DETAIL B
DIRECTION OF FEED
REEL
REEL
NOT TO SCALE
NOT TO SCALE
SEE DETAIL
SEE DETAIL
A
A
A-A
A-A
SECTION
SECTION
B-B
B-B
SECTION
SECTION
SCALE 6:1
SCALE 6:1
A
A
DETAIL
DETAIL
H
H–22
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
TDD Series
Jumper Switch
2,2±0,1
(2,3)
3X 0,15
0,30
0,05
4,2±0,5
3X 0,4
2,4
2X 0,4
2,6
5,2
3,5
3X 1
3X 0,6
6±0,3
5,8±0,5
1±0,1
3,5
3X 1,3
0,55 STROKE
0,55 STROKE
6±0,5
SCHEMATIC
SPDT
(C)
(1)
(2)
(C)
(1)
(2)
PCB LAYOUT
A-A
SECTION


Similar Part No. - TDD

ManufacturerPart #DatasheetDescription
logo
C&K Components
TDD CK-COMPONENTS-TDD Datasheet
128Kb / 2P
   Jumper Switch
26 Aug 20
logo
Adam Technologies, Inc.
TDD-XX ADAM-TECH-TDD-XX Datasheet
89Kb / 1P
   909 Rahway Avenue
logo
C&K Components
TDD01-H0-S-B-1-R CK-COMPONENTS-TDD01-H0-S-B-1-R Datasheet
128Kb / 2P
   Jumper Switch
26 Aug 20
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Similar Description - TDD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
61668-2 MACOM-61668-2 Datasheet
70Kb / 1P
   CONTACT, BIFURCATED LEAF
logo
Diodes Incorporated
SBR30A60CTBQ DIODES-SBR30A60CTBQ Datasheet
242Kb / 5P
   Reduced high temperature reverse leakage; increased reliability
SBR1045D1Q DIODES-SBR1045D1Q Datasheet
126Kb / 5P
   Reduced high temperature reverse leakage; increased reliability
SBR660CTLQ DIODES-SBR660CTLQ Datasheet
239Kb / 5P
   Reduced high temperature reverse leakage; Increased reliability
logo
Nais(Matsushita Electri...
NC2D-JP-DC5V NAIS-NC2D-JP-DC5V Datasheet
890Kb / 11P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com