Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30H150CT_T0_10001 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # MBR30H150CT_T0_10001
Description  ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR30H150CT_T0_10001 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  MBR30H150CT_T0_10001 Datasheet HTML 1Page - Pan Jit International Inc. MBR30H150CT_T0_10001 Datasheet HTML 2Page - Pan Jit International Inc. MBR30H150CT_T0_10001 Datasheet HTML 3Page - Pan Jit International Inc. MBR30H150CT_T0_10001 Datasheet HTML 4Page - Pan Jit International Inc. MBR30H150CT_T0_10001 Datasheet HTML 5Page - Pan Jit International Inc. MBR30H150CT_T0_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PMBR30H150CT \ MBR30H150FCT \ MBR30H150DC SERIES
February 3,2015-REV.00
Page 5
Part No_packing code_Version
MBR30H150CT_T0_00001
MBR30H150CT_T0_10001
MBR30H150DC_R2_00001
MBR30H150DC_R2_10001
MBR30H150FCT_T0_00001
MBR30H150FCT_T0_10001
For example :
RB500V-40_R2_00001
˙Serial number
˙
˙Version code means HF
Part No.
˙Packing size code means 13"
˙Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1
st
Code
Packing size code
2
nd
Code
HF or
RoHS
1
st
Code
2
nd~5th
Code
Tape and Ammunition
Box (T/B)
A
N/A
0
HF
0
serial
number
Tape and Reel (T/R)
R
7"
1
RoHS
1
serial
number
Bulk Packing (B/P)
B
13"
2
Tube Packing (T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B
CATHODE UP (PBCU)
U
FORMING
F
PANASERT T/B
CATHODE DOWN (PBCD)
D


Similar Part No. - MBR30H150CT_T0_10001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR30H150CT-E3/45 VISHAY-MBR30H150CT-E3/45 Datasheet
128Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 18-Apr-08
MBR30H150CT1 VISHAY-MBR30H150CT1 Datasheet
88Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Dec-03
logo
ON Semiconductor
MBR30H150CTG ONSEMI-MBR30H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
MBR30H150CTG ONSEMI-MBR30H150CTG Datasheet
142Kb / 6P
   SWITCHMODE??Power Rectifier
March, 2010 ??Rev. 1
MBR30H150CTG ONSEMI-MBR30H150CTG Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
More results

Similar Description - MBR30H150CT_T0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR20H150FAT PANJIT-MBR20H150FAT Datasheet
280Kb / 4P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR5H150SS PANJIT-MBR5H150SS Datasheet
203Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR3H150SS PANJIT-MBR3H150SS Datasheet
226Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
BD10H150CS PANJIT-BD10H150CS_16 Datasheet
712Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR20H150CT PANJIT-MBR20H150CT Datasheet
463Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
BD10H150CS PANJIT-BD10H150CS Datasheet
401Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR1H150 PANJIT-MBR1H150 Datasheet
264Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SRH5150 SECOS-SRH5150_15 Datasheet
129Kb / 2P
   Low IR Schottky Barrier Rectifiers
SMH3150B SECOS-SMH3150B Datasheet
211Kb / 2P
   Low IR Schottky Barrier Rectifiers
SRH5200 SECOS-SRH5200_15 Datasheet
129Kb / 2P
   Low IR Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com