Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT01-38SQ7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CLT01-38SQ7
Description  High speed digital input current limiter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT01-38SQ7 Datasheet(HTML) 1 Page - STMicroelectronics

  CLT01-38SQ7 Datasheet HTML 1Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 2Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 3Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 4Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 5Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 6Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 7Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 8Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
July 2015
DocID028182 Rev 1
1/18
CLT01-38SQ7
High speed digital input current limiter
Datasheet
- production data
Features
• 8 inputs - 8-bit SPI output
• High side input with common ground
• 5 V Voltage regulator
• Package: QFN 7x7 - 48L
• 30 V reverse polarity capable
• Adjustable current limiters
• LED output for visual status
• Optional: 16-bit mode with parity check,
temperature and voltage alarms
• Daisy chain capable
• Power dissipation: 78 mW per channel
Complies with following standards:
• IEC61000-4-2:
– ±8 kV contact discharge
– ±15 kV air discharge
• IEC61000-4-4:
–±4 kV
• IEC61000-4-5:
– Input: ±1 kV
– Power supply: ±2.5 kV
Application
• Programmable logic controller and remote
input modules
• High speed protected termination for digital
input with serialized SPI output
• IEC61131-2 type 1, 2 and 3
• Compliant with EN60947-5-2
Benefits
• Simplified design due to
– Built-in over voltage robustness and
immune data transfer
– Compliance with sensors and PLC's
standards
• Space saving in cost effective solution with
– Integrated QFN 7x7 package
– SPI output reducing opto-couplers quantity
• Energy efficient solution
– Energy-less input LED visual status
powered by inputs current
– Low overall dissipation versus discrete
Description
The CLT01-38SQ7 provides an 8-line protected
digital input termination with serialized state
transfer. This device enhances the I/O module
density by cutting the dissipation (78 mW per
input) and reducing the count of opto-transistors.
Its 6.25 MHz SPI peripheral output serializes the
input state transfer to the I/O module controller.
www.st.com


Similar Part No. - CLT01-38SQ7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
CLT01-38S4-TR STMICROELECTRONICS-CLT01-38S4-TR Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
More results

Similar Description - CLT01-38SQ7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCLT3-8BQ7 STMICROELECTRONICS-SCLT3-8BQ7 Datasheet
549Kb / 18P
   High speed digital input current limiter with digital filter
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
   Self powered digital input current limiter
Rev 13 - November 2022
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
   High speed digital input current limiter evaluation board based on CLT01-8SQ7
December 2015 Rev 1
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
   High speed digital input current limiter evaluation board based on SCLT3-8BQ7
December 2015 Rev 1
logo
Renesas Technology Corp
PS2503-1 RENESAS-PS2503-1 Datasheet
5Mb / 13P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING
Dec 25, 2020
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
[Old version datasheet]   Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Current Limiter
logo
VPT, Inc.
DVCL28 VPT-DVCL28 Datasheet
446Kb / 9P
   HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com