Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT01-38SQ7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # CLT01-38SQ7
Description  High speed digital input current limiter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT01-38SQ7 Datasheet(HTML) 4 Page - STMicroelectronics

  CLT01-38SQ7 Datasheet HTML 1Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 2Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 3Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 4Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 5Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 6Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 7Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 8Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Circuit block diagram
CLT01-38SQ7
4/18
DocID028182 Rev 1
Figure 3. Pinout description of the QFN7x7-48L version (top view)
The package is the QFN7x7-48L exposed pad that improves ground cooling transfer of input
dissipation to the printed board.
Figure 4. Basic module input characteristics in type 3
VI (V)
0
5
10
15
20
25
30
0
0.5
1
1.5
2
3
IIN (mA)
2.1mA
2.6mA
ON
OFF
11V
R
I = 2.2 kΩ
V
I =V IN + RI x IIN
R
I
SCLT
R
I
SCLT
2.5


Similar Part No. - CLT01-38SQ7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
CLT01-38S4-TR STMICROELECTRONICS-CLT01-38S4-TR Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
More results

Similar Description - CLT01-38SQ7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCLT3-8BQ7 STMICROELECTRONICS-SCLT3-8BQ7 Datasheet
549Kb / 18P
   High speed digital input current limiter with digital filter
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
   Self powered digital input current limiter
Rev 13 - November 2022
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
   High speed digital input current limiter evaluation board based on CLT01-8SQ7
December 2015 Rev 1
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
   High speed digital input current limiter evaluation board based on SCLT3-8BQ7
December 2015 Rev 1
logo
Renesas Technology Corp
PS2503-1 RENESAS-PS2503-1 Datasheet
5Mb / 13P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING
Dec 25, 2020
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
[Old version datasheet]   Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Current Limiter
logo
VPT, Inc.
DVCL28 VPT-DVCL28 Datasheet
446Kb / 9P
   HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com