Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA623AP Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA623AP
Description  Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA623AP Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA623AP Datasheet HTML 1Page - Burr-Brown (TI) OPA623AP Datasheet HTML 2Page - Burr-Brown (TI) OPA623AP Datasheet HTML 3Page - Burr-Brown (TI) OPA623AP Datasheet HTML 4Page - Burr-Brown (TI) OPA623AP Datasheet HTML 5Page - Burr-Brown (TI) OPA623AP Datasheet HTML 6Page - Burr-Brown (TI) OPA623AP Datasheet HTML 7Page - Burr-Brown (TI) OPA623AP Datasheet HTML 8Page - Burr-Brown (TI) OPA623AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
®
OPA623
SPECIFICATIONS
DC-SPECIFICATION
OPA623AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT OFFSET VOLTAGE
Initial
–8
±25
mV
vs Temperature
125
µV/°C
vs Supply (tracking)
VCC = ±4.5V to ±5.5V
45
50
dB
vs Supply (non-tracking)
VCC = +4.5V to +5.5V
47
dB
vs Supply (non-tracking)
VCC = –4.5V to –5.5V
39
dB
+INPUT BIAS CURRENT
Initial
–1.2
±4
µA
vs Temperature
7
nA/
°C
–INPUT BIAS CURRENT
Initial
+4.5
±20
µA
vs Temperature
340
nA/
°C
INPUT IMPEDANCE
+Input
2.74 || 1
M
Ω || pF
INPUT NOISE
f = 100kHz to 100MHz
Voltage Noise Density
10
nV/
√Hz
Signal-to-Noise Ratio
S/N = 0.7/(Vn •
√5MHz)
89
dB
INPUT VOLTAGE RANGE
Common-Mode Input Range
±3
±3.2
V
Common-Mode Rejection
43
50
dB
RATED OUTPUT
Voltage Output
RL = 100Ω±3
±3.1
V
Output Current
±70
mA
Closed-Loop Output Impedance
Gain = +2
0.12 || 1.5
Ω || pF
POWER SUPPLY
Rated Voltage
±4.5
±5.5
VDC
Derated Performance
±4
±6
VDC
Quiescent Current
IO = 0mA
±3.5
±4
±4.5
mA
Rejection Ratio
45
50
dB
At VCC = ±5VDC, IQ = ±4mA, RL = 100Ω, RIN = 210Ω, and TAMB = +25°C, unless otherwise specified.
ELECTRICAL (FULL TEMPERATURE RANGE, –40
°C to +85°C)
At VCC = ±5VDC, IQ = ±4mA, RL = 100Ω, and RIN = 210Ω, unless otherwise specified.
INPUT OFFSET VOLTAGE
±30
mV
BIAS CURRENT
+Input
–1.5
±5
µA
BIAS CURRENT
–Input
27
±50
µA
RATED OUTPUT
Voltage Output
RL = 100Ω±3
±3.1
V
POWER SUPPLY
Quiescent Current
IO = 0mA
±2
±4
±7mA
OPA623AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - OPA623AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA623AP TI1-OPA623AP Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA623AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com