Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA646U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA646U
Description  Low Power, Wide Bandwidth OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA646U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA646U Datasheet HTML 1Page - Burr-Brown (TI) OPA646U Datasheet HTML 2Page - Burr-Brown (TI) OPA646U Datasheet HTML 3Page - Burr-Brown (TI) OPA646U Datasheet HTML 4Page - Burr-Brown (TI) OPA646U Datasheet HTML 5Page - Burr-Brown (TI) OPA646U Datasheet HTML 6Page - Burr-Brown (TI) OPA646U Datasheet HTML 7Page - Burr-Brown (TI) OPA646U Datasheet HTML 8Page - Burr-Brown (TI) OPA646U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
OPA646
2
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VS = ±5V, RL = 100Ω, CL = 2pF, RFB = 402Ω and all four power supply pins are used, unless otherwise noted. RFB = 25Ω for a gain of +1.
OPA646U
OPA646UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±3
±8
±1
±2.5
mV
Average Drift
±20
±12
µV/°C
Power Supply Rejection (+VS)VS = ±4.5 to ±5.5V
50
70
60
T
dB
(–VS)45
55
48
T
dB
INPUT BIAS CURRENT
Input Bias Current
VCM = 0V
2
5
T
3.5
µA
Over Specified Temperature
3
7
TT
µA
Input Offset Current
VCM = 0V
0.4
1.5
TT
µA
Over Specified Temperature
0.9
3.0
TT
µA
NOISE
Input Voltage Noise
Noise Density: f = 100Hz
23.2
T
nV/
√Hz
f = 10kHz
7.5
T
nV/
√Hz
f = 1MHz
7.1
T
nV/
√Hz
f = 1MHz to 100MHz
7.2
T
nV/
√Hz
Voltage Noise, BW = 100Hz to 100MHz
141
T
µVrms
Input Bias Current Noise
Current Noise Density, f = 0.1Hz to 20kHz
1.1
T
pA/
√Hz
Noise Figure (NF)
RS = 10kΩ
3.0
T
dB
RS = 50Ω
19.1
T
dB
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.5
±3.0
TT
V
Over Specified Temperature
±2.5
±3.0
TT
V
Common-Mode Rejection
VCM = ±0.5V
60
80
75
90
dB
INPUT IMPEDANCE
Differential
15 || 1
T
k
Ω || pF
Common-Mode
1.6 || 1
T
M
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±2V, RL = 100Ω
45
51
47
55
dB
Over Specified Temperature
43
49
45
53
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
G = +1V/V
650
T
MHz
G = +2V/V
160
T
MHz
G = +5V/V
45
T
MHz
G = +10V/V
22
T
MHz
Slew Rate(1)
G = +1, 2V Step
180
T
V/
µs
At Minimum Specified Temperature
155
T
V/
µs
Rise Time
1V Step
5.3
T
ns
Fall Time
1V Step
5.9
T
ns
Settling Time: 0.01%
G = +1, 2V Step
15
T
ns
0.1%
G = +1, 2V Step
11.5
T
ns
1%
G = +1, 2V Step
6
T
ns
Over-Voltage Recovery(2)
65
ns
Spurious Free Dynamic Range
G = +1, f = 5.0MHz
82
T
dBc
VO = 2Vp-p, RL = 402Ω
Differential Gain Error at 3.58MHz
G = +2V/V, VO = 0 to 1.4V, RL = 150Ω
0.025
T
%
Differential Phase Error at 3.58MHz
G = +2V/V, VO = 0 to 1.4V, RL = 150Ω
0.08
T
degrees
Gain Flatness to 0.1dB
100
T
MHz
OUTPUT
Voltage Output
No Load
Over Specified Temperature
±2.5
±2.75
TT
V
Voltage Output
RL = 250Ω
V
Over Specified Temperature
±2.5
±2.7
TT
V
Voltage Output
RL = 100Ω
Over Specified Temperature
±2.0
±2.5
TT
V
Current Output, +25
°C to max Temp
±40
±52
TT
mA
Over Specified Temperature
±30
±48
TT
mA
Short Circuit Current
60
T
mA
Output Resistance
1MHz, G = +1V/V
0.2
T
POWER SUPPLY
Specified Operating Voltage
TMIN to TMAX
±5
T
V
Operating Voltage Range
TMIN to TMAX
±4.5
±5.5
TT
V
Quiescent Current
±5.25
±6.5
TT
mA
Over Specified Temperature
±6.5
±7.5
TT
mA
TEMPERATURE RANGE
Specification: U, UB
Ambient
–40
+85
TT
°C
Thermal Resistance
θ
JA, Junction to Ambient
U, UB
8-Pin SO-8
125
T
°C/W
T Specification same as OPA646U.
NOTE: (1) Slew rate is rate of change from 10% to 90% of output voltage step. (2) Recovery time to linear operation from the input overdrive midpoint.


Similar Part No. - OPA646U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA646U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
   Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
   HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com