Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4684IPWT Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4684IPWT
Description  Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4684IPWT Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA4684IPWT Datasheet HTML 1Page - Burr-Brown (TI) OPA4684IPWT Datasheet HTML 2Page - Burr-Brown (TI) OPA4684IPWT Datasheet HTML 3Page - Burr-Brown (TI) OPA4684IPWT Datasheet HTML 4Page - Burr-Brown (TI) OPA4684IPWT Datasheet HTML 5Page - Burr-Brown (TI) OPA4684IPWT Datasheet HTML 6Page - Burr-Brown (TI) OPA4684IPWT Datasheet HTML 7Page - Burr-Brown (TI) OPA4684IPWT Datasheet HTML 8Page - Burr-Brown (TI) OPA4684IPWT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OPA4
684
®
OPA4
684
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
OPA4684
www.ti.com
Copyright © 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBOS240B – JUNE 2002 – REVISED AUGUST 2002
Quad, Low-Power, Current-Feedback
OPERATIONAL AMPLIFIER
FEATURES
q MINIMAL BANDWIDTH CHANGE VERSUS GAIN
q 170MHz BANDWIDTH AT G = +2
q > 120MHz BANDWIDTH TO GAIN > +10
q LOW DISTORTION: < –78dBc at 5MHz
q HIGH OUTPUT CURRENT: 120mA
q SINGLE +5V TO +12V SUPPLY OPERATION
q DUAL
±2.5 TO ±6.0V SUPPLY OPERATION
q LOW SUPPLY CURRENT: 6.8mA Total
DESCRIPTION
The OPA4684 provides a new level of performance in low-
power, wideband, current-feedback (CFB) amplifiers. This
CFBPLUS amplifier is among the first to use an internally
closed-loop input buffer stage that enhances performance
significantly over earlier low-power CFB amplifiers. While
retaining the benefits of very low power operation, this new
architecture provides many of the benefits of a more ideal
CFB amplifier. The closed-loop input stage buffer gives a
very low and linearized impedance path at the inverting input
to sense the feedback error current. This improved inverting
input impedance retains exceptional bandwidth to much
higher gains and improves harmonic distortion over earlier
solutions limited by inverting input linearity. Beyond simple
high-gain applications, the OPA4684 CFBPLUS amplifier per-
mits the gain setting element to be set with considerable
APPLICATIONS
q LOW-POWER BROADCAST VIDEO DRIVERS
q EQUALIZING FILTERS
q SAW FILTER HIGH-GAIN POST AMPLIFIERS
q MULTICHANNEL SUMMING AMPLIFIERS
q WIDEBAND DIFFERENTIAL CHANNELS
q ANALOG-TO-DIGITAL CONVERTERS (ADC)
INPUT DRIVERS
q MULTIPLE POLE ACTIVE FILTERS
q OPA4658 LOW-POWER UPGRADE
freedom from amplifier bandwidth interaction. This allows
frequency response peaking elements to be added, multiple
input inverting summing circuits to have greater bandwidth,
and low-power line drivers to meet the demanding require-
ments of studio cameras and broadcast video.
The output capability of the OPA4684 also sets a new mark
in performance for low-power current-feedback amplifiers.
Delivering a full
±4Vp-p swing on ±5V supplies, the OPA4684
also has the output current to support >
±3V swing into 50Ω.
This minimal output headroom requirement is complemented
by a similar 1.2V input stage headroom giving exceptional
capability for single +5V operation.
The OPA4684’s low 6.8mA supply current is precisely trimmed
at 25
°C. This trim, along with low shift over temperature and
supply voltage, gives a very robust design over a wide range
of operating conditions.
Patent Pending
V+
V
O
V–
I
ERR
R
G
R
F
Z
(S) IERR
+
Low-Power
Amplifier
1 of 4 Channels
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
R
F = 800Ω
G = 100
G = 50
G = 20
G = 10
G = 2
G = 1
10
100
200
BW (MHz) vs GAIN
G = 5
MHz


Similar Part No. - OPA4684IPWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4684IPWT TI1-OPA4684IPWT Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
More results

Similar Description - OPA4684IPWT

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
OPA4684M TI1-OPA4684M Datasheet
1Mb / 32P
[Old version datasheet]   QUAD LOW-POWER CURRENT-FEEDBACK OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com