Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2020-00TR Datasheet(PDF) 4 Page - ON Semiconductor

Part # CM2020-00TR
Description  HDMI Transmitter Port Protection and Interface Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2020-00TR Datasheet(HTML) 4 Page - ON Semiconductor

  CM2020-00TR Datasheet HTML 1Page - ON Semiconductor CM2020-00TR Datasheet HTML 2Page - ON Semiconductor CM2020-00TR Datasheet HTML 3Page - ON Semiconductor CM2020-00TR Datasheet HTML 4Page - ON Semiconductor CM2020-00TR Datasheet HTML 5Page - ON Semiconductor CM2020-00TR Datasheet HTML 6Page - ON Semiconductor CM2020-00TR Datasheet HTML 7Page - ON Semiconductor CM2020-00TR Datasheet HTML 8Page - ON Semiconductor CM2020-00TR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CM2020−00TR
http://onsemi.com
4
BACKDRIVE PROTECTION
Below, two scenarios are discussed to illustrate what can
happen when a powered device is connected to an
unpowered device via a HDMI interface, substantiating the
need for backdrive protection on this type of interface.
In the first example a DVD player is connected to a TV via
an HDMI interface. If the DVD player is switched off and
the TV is left on, there is a possibility of reverse current flow
back into the main power supply rail of the DVD player.
Typically, the DVD’s power supply has some form of bulk
supply capacitance associated with it. Because all CMOS
logic exhibits a very high impedance on the power rail node
when “off”, if there may be very little parasitic shunt
resistance, and even with as little as a few milliamps of
“backdrive” current flowing into the power rail, it is possible
over time to charge that bulk supply capacitance to some
intermediate level. If this level rises above the
power−on−reset (POR) voltage level of some of the
integrated circuits in the DVD player, these devices may not
reset properly when the DVD player is turned back on.
In a more serious scenario, if any SOC devices are
incorporated in the design which have built−in level shifter
and DRC diodes for ESD protection, there is even a risk for
permanent damage. In this case, if there is a pullup resistor
(such as with DDC) on the other end of the cable, then that
resistance will pull the SOC chips “output” up to a high
level. This will forward bias the upper ESD diode in the
DRC and charge the bulk capacitance in a similar fashion as
described in the first example. If this current flow is high
enough, even as little as a few milliamps, it could destroy
one of the SOC chip’s internal DRC diodes, as they are not
designed for passing DC.
To avoid either of these situations, the CM2020−00TR
was designed to block backdrive current, guaranteeing no
more than 5 mA on any I/O pin when the I/O pin voltage is
greater than the CM2020−00TR supply voltage.
Figure 1. Backdrive Protection Diagram.
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
VCC5V, VCCLV
6.0
V
DC Voltage at any Channel Input
6.0
V
Storage Temperature Range
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. STANDARD (RECOMMENDED) OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Units
5V_SUPPLY Operating Supply Voltage
GND
5
5.5
V
LV_SUPPLY Bias Supply Voltage
1
3.3
5.5
V
Operating Temperature Range
–40
85
°C


Similar Part No. - CM2020-00TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020-00TR CALMIRCO-CM2020-00TR Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
More results

Similar Description - CM2020-00TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
CM2020-01TR ONSEMI-CM2020-01TR_11 Datasheet
310Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com