Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1641 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM1641
Description  4-Channel Low Capacitance Dual-Voltage ESD Protection Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1641 Datasheet(HTML) 3 Page - ON Semiconductor

  CM1641_11 Datasheet HTML 1Page - ON Semiconductor CM1641_11 Datasheet HTML 2Page - ON Semiconductor CM1641_11 Datasheet HTML 3Page - ON Semiconductor CM1641_11 Datasheet HTML 4Page - ON Semiconductor CM1641_11 Datasheet HTML 5Page - ON Semiconductor CM1641_11 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CM1641
http://onsemi.com
3
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Units
Max
Typ
Min
Conditions
Parameter
VCL
LV Channel Clamp Voltage (Pin 1−3)
Positive Transients
Negative Transients
TA = 25°C, IPP = 1 A,
tP = 8/20 mS
+9.64
−1.75
V
RDYN
Dynamic Resistance
LV Channel Positive Transients
LV Channel Negative Transients
HV Channel Positive Transients
HV Channel Negative Transients
IPP = 1 A, tP = 8/20 mS
Any I/O Pin to Ground
0.72
0.59
1.20
0.36
W
1. All parameters specified at TA = –40°C to +85°C unless otherwise noted.
PERFORMANCE INFORMATION
Input Channel Capacitance Performance Curves for Low Voltage Pins
Figure 1. Typical Variation of CIN vs. VIN
(Low Voltage Inputs, f = 1 MHz, VN = 0 V )
Figure 2. Typical Variation of CIN vs. Temperature
(Low Voltage Inputs, f = 1 MHz, VN = 0 V )
Input Voltage (V)
Temperature (°C)


Similar Part No. - CM1641_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1641-04D4 ONSEMI-CM1641-04D4 Datasheet
322Kb / 10P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
May 2010 ??Rev. 4
More results

Similar Description - CM1641_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1241 ONSEMI-CM1241 Datasheet
391Kb / 12P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April 2010 ??Rev. 3
CM1641 ONSEMI-CM1641 Datasheet
322Kb / 10P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
May 2010 ??Rev. 4
CM1643 ONSEMI-CM1643 Datasheet
231Kb / 6P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April, 2011 ??Rev. P3
CM1241 ONSEMI-CM1241_11 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
UM5202EEDF UNIONSEMI-UM5202EEDF Datasheet
83Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com