Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB30100LFYT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB30100LFYT
Description  LOW VF SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB30100LFYT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB30100LFYT_16 Datasheet HTML 1Page - Pan Jit International Inc. SB30100LFYT_16 Datasheet HTML 2Page - Pan Jit International Inc. SB30100LFYT_16 Datasheet HTML 3Page - Pan Jit International Inc. SB30100LFYT_16 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
October 18,2016-REV.02
SB30100LFYT
LOW VF SCHOTTKY BARRIER RECTIFIER
VOLTAGE
100 Volt
30 Ampere
FEATURES
• Low forward voltage drop, low power loss
• High efficiency operation
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : ITO-220AB, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Weight : 0.056 ounces, 1.6 grams
CURRENT
MAXIMUM RATINGS ( TA=25 oC unless otherwise noted )
ELECTRICAL CHARACTERISTICS ( TA=25 oC unless otherwise noted )
Notes :
1 Pulse test : 380
μs pulse width, 1% duty cycle
2. Pulse test : Pulse width < 2.5ms
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum average forward rectified current (Fig.1)
I F(AV)
30
15
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
I FSM
275
A
Typical thermal resistance
R
θJc
4.5
OC / W
Operating junction
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=1.0mA
103
120
-
V
Instantaneous forward voltage per diode
( Note 1 )
VF
I F=5A
I F=15A
I F=30A
-
-
0.5
0.71
-
-
-
1
V
Reverse current per diode
( Note 2 )
I R
VR=70V
-
10
-
μA
VR=100V
-
-
200
μA


Similar Part No. - SB30100LFYT_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB30100LFYT PANJIT-SB30100LFYT Datasheet
141Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB30100LFYT_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045L JINANJINGHENG-SR1045L Datasheet
68Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045LCT JINANJINGHENG-SR1045LCT Datasheet
74Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com