Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ2-25994B-SMT Datasheet(PDF) 1 Page - CUI INC

Part # SJ2-25994B-SMT
Description  multiple switch configurations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-25994B-SMT Datasheet(HTML) 1 Page - CUI INC

  SJ2-25994B-SMT Datasheet HTML 1Page - CUI INC SJ2-25994B-SMT Datasheet HTML 2Page - CUI INC SJ2-25994B-SMT Datasheet HTML 3Page - CUI INC SJ2-25994B-SMT Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 12/07/2016
page 1 of 4
cui.com
SERIES: SJ2-2599X-SMT
│ DESCRIPTION: AUDIO JACK
FEATURES
• gold flash terminal plating
• multiple switch configurations
• low profile design
• reflow solder compatible
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
operating temperature
-25
85
°C
life
at a rate of 24 cycles/minute
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at a current of less than 100 mA/1 kHz
2. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
PART NUMBER KEY
Base Number
Switch Options:
A = no switch
B = tip switch
C = ring switch
D = tip & ring switch
SJ2-2599 X X - SMT-TR
# Conductors:
4 = 4
Package Style:
SMT = surface mount
Packaging:
TR = Tape & Reel
For more information, please visit the product page.


Similar Part No. - SJ2-25994B-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-25912B-SMT CUI-SJ2-25912B-SMT Datasheet
696Kb / 4P
   multiple switch configurations
SJ2-25913A-SMT CUI-SJ2-25913A-SMT Datasheet
696Kb / 4P
   multiple switch configurations
SJ2-25913B-SMT CUI-SJ2-25913B-SMT Datasheet
696Kb / 4P
   multiple switch configurations
SJ2-25913C-SMT CUI-SJ2-25913C-SMT Datasheet
696Kb / 4P
   multiple switch configurations
SJ2-25913D-SMT CUI-SJ2-25913D-SMT Datasheet
696Kb / 4P
   multiple switch configurations
More results

Similar Description - SJ2-25994B-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-3595X-SMT CUI-SJ2-3595X-SMT Datasheet
650Kb / 4P
   multiple switch configurations
SJ2-2591X-SMT CUI-SJ2-2591X-SMT Datasheet
696Kb / 4P
   multiple switch configurations
SJ2-3589X-SMT CUI-SJ2-3589X-SMT Datasheet
554Kb / 4P
   multiple switch configurations
logo
M/A-COM Technology Solu...
MA4E20XX MA-COM-MA4E20XX Datasheet
751Kb / 4P
   Multiple Configurations
logo
Maxim Integrated Produc...
MAX40111EVKIT MAXIM-MAX40111EVKIT Datasheet
910Kb / 8P
   Accommodates Multiple Op Amp Configurations
319-100777; Rev 0; 6/21
MAX40242EVKIT MAXIM-MAX40242EVKIT Datasheet
1Mb / 7P
   Accommodates Multiple Op-Amp Configurations
319-100285; Rev 0; 12/18
MAX44290EVKIT MAXIM-MAX44290EVKIT Datasheet
1Mb / 12P
   Accommodates Multiple Op Amp Configurations
19-8086; Rev 0; 11/15
MAX40110EVKIT MAXIM-MAX40110EVKIT Datasheet
770Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100782; Rev 0; 6/21
MAX44291EVKIT MAXIM-MAX44291EVKIT Datasheet
734Kb / 8P
   Accommodates Multiple Op Amp Configurations
19-7521; Rev 0; 2/15
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com