Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR25J Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # AR25J
Description  HIGH CURRENT AUTOMOBILE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

AR25J Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  AR25J Datasheet HTML 1Page - HY ELECTRONIC CORP. AR25J Datasheet HTML 2Page - HY ELECTRONIC CORP. AR25J Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Utilizing viod-free molded plastic technique
Low power loss
High Surge Capability
High temperature soldering guaranteed:
265℃/10S
MECHANICAL DATA
Terminal:Plated axial terminals solderable per
MIL STD-202E,Method 208C
Case: Molded with UL-94 Class V-O recognized
flame retardant epoxy
Polarity: Color ring denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL AR25A
AR25B
AR25D
AR25G
AR25J
AR25K
AR25M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Instantaneous Forward Voltage
(at Rated Forward Current)
Maximum DC Reverse Current @TA=25℃
at Rated DC Bolcking Voltage @TA=150℃
Typical Junction Capacitance Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Polarity and Voltage Denotation Color Ring
Red
Yellow
Orange
Silver
Green
Blue
Violet
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
I(AV)
25
A
V
uA
IFSM
400
A
-55 to +150
AR25A thru AR25M
Dimensions in inches and (millimeters)
HIGH CURRENT
AUTOMOBILE RECTIFIER
REVERSE VOLTAGE
- 50
to 1000Volts
FORWARD CURRENT - 25 Amperes
1.1
VF
IR
10
1000
300
1.0
2.Thermal resistance from junction of ambient.
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
-55 to +150
AR
.250(6.4)
.235(6.0)
. 185(4.7)
. 165(4.2)
.410(10.4)
.380(9.7)
.225(5.7)
.215(5.5)


Similar Part No. - AR25J

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR25J WTE-AR25J Datasheet
51Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
AR25J WTE-AR25J Datasheet
68Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
AR25J TSC-AR25J Datasheet
77Kb / 2P
   25.0 AMPS. High Current Plastic Silicon Rectifiers
AR25J TSC-AR25J Datasheet
340Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
AR25J TSC-AR25J Datasheet
560Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
More results

Similar Description - AR25J

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DF70P HY-DF70P Datasheet
372Kb / 3P
   High Current Automobile Rectifier
AR25A HY-AR25A_V01 Datasheet
377Kb / 3P
   High Current Automobile Rectifier
AR50A HY-AR50A_V01 Datasheet
377Kb / 3P
   High Current Automobile Rectifier
AR35A HY-AR35A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
ARS25A HY-ARS25A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
ARS50A HY-ARS50A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
DB35P HY-DB35P Datasheet
366Kb / 3P
   High Current Automobile Rectifier
DV354P HY-DV354P Datasheet
363Kb / 3P
   High Current Automobile Rectifier
AR50A HY-AR50A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
ARS25A-ARS25M HY-ARS25A-ARS25M Datasheet
34Kb / 2P
   HIGH CURRENT AUTOMOBILE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com