Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ2-3594A-SMT-TR Datasheet(PDF) 2 Page - CUI INC

Part # SJ2-3594A-SMT-TR
Description  right angle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-3594A-SMT-TR Datasheet(HTML) 2 Page - CUI INC

  SJ2-3594A-SMT-TR Datasheet HTML 1Page - CUI INC SJ2-3594A-SMT-TR Datasheet HTML 2Page - CUI INC SJ2-3594A-SMT-TR Datasheet HTML 3Page - CUI INC SJ2-3594A-SMT-TR Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ MODEL: SJ2-3594A-SMT-TR │ DESCRIPTION: AUDIO JACK
date 12/13/2016
│ page 2 of 4
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
silver
terminal 2
copper alloy
silver
terminal 3
copper alloy
silver
terminal 4
copper alloy
silver
plastic
PA10T
Recommended PCB Layout
Top View
1
2
3
4
14
Ø3.5 MATING PLUG
units: mm
tolerance:
X.X ±0.2 mm
X.XX ±0.10 mm
X.XXX ±0.050 mm
PCB: ±0.05 mm
Model No.
SJ2-3594A-SMT-TR
Schematic
PIN
1
sleeve
2
tip
3
ring 1
4
ring 2
For more information, please visit the product page.


Similar Part No. - SJ2-3594A-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-35943A-SMT CUI-SJ2-35943A-SMT Datasheet
493Kb / 4P
   brass bushing
SJ2-35944A-SMT CUI-SJ2-35944A-SMT Datasheet
493Kb / 4P
   brass bushing
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
   brass bushing
More results

Similar Description - SJ2-3594A-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-250X-SMT CUI-SJ-250X-SMT Datasheet
564Kb / 4P
   right angle
logo
Winchester Electronics ...
SD373-010-6141G WINCHESTER-SD373-010-6141G Datasheet
38Kb / 1P
   DIN RIGHT ANGLE PLUG DIN RIGHT ANGLE PLUG
logo
IDEA.lnc.
JRC0128 IDEA-JRC0128 Datasheet
26Kb / 1P
   Right Angle Lens
logo
Agilent(Hewlett-Packard...
HSML-C120 HP-HSML-C120 Datasheet
210Kb / 10P
   Right Angle ChipLED
logo
Adam Technologies, Inc.
DDR-04-HT ADAM-TECH-DDR-04-HT Datasheet
77Kb / 1P
   RIGHT ANGLE HEADER
logo
Grayhill, Inc
78B08SRAT GRAYHILL-78B08SRAT Datasheet
482Kb / 1P
   Right Angle Option
logo
Rosenberger Hochfrequen...
E4K24A-1AKX5-Y ROSENBERGER-E4K24A-1AKX5-Y Datasheet
144Kb / 3P
   RIGHT ANGLE JACK
51S207-306N5 ROSENBERGER-51S207-306N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
logo
DOMINANT Semiconductors
DSA-PSS-VW1-1 DOMINANT-DSA-PSS-VW1-1 Datasheet
1Mb / 12P
   Right Angle DomiLED
DSZB-LSG DOMINANT-DSZB-LSG Datasheet
1Mb / 16P
   Right Angle DomiLED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com