Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1084230 Datasheet(PDF) 6 Page - SICK AG

Part # 1084230
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1084230 Datasheet(HTML) 6 Page - SICK AG

  1084230 Datasheet HTML 1Page - SICK AG 1084230 Datasheet HTML 2Page - SICK AG 1084230 Datasheet HTML 3Page - SICK AG 1084230 Datasheet HTML 4Page - SICK AG 1084230 Datasheet HTML 5Page - SICK AG 1084230 Datasheet HTML 6Page - SICK AG 1084230 Datasheet HTML 7Page - SICK AG 1084230 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
EKS36-0KF0B020A | EKS/EKM36
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL®
Diagram 3
3.0
3.5
2.5
2.0
1.5
1.0
0
400
800
1,200
1,600
0.5
0.0
7 V
8 V
12 V
Time after power-on [µs]
Typ. current consumption [A]
2,000
Diagram 2
–15
5
0
–10
–5
–20
–25
–30
–35
0.1
–40
–45
45
225
180
90
135
0
–45
–90
–135
–180
–225
Gain [dB]
Phase [°]
Frequency/filter cutoff frequency
Gain
Phase
1
10
Recommended accessories
Other models and accessories
www.sick.com/EKS_EKM36
Brief description
Type
Part no.
Other mounting accessories
Mounting tools
BEF-MW-EKX36
2060224
6
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-06-06 20:53:05
Subject to change without notice


Similar Part No. - 1084230

ManufacturerPart #DatasheetDescription
logo
SICK AG
1084233 SICK-1084233 Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
1084234 SICK-1084234 Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
1084237 SICK-1084237 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results

Similar Description - 1084230

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-2KF0A020A SICK-EKM36-2KF0A020A Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A023A SICK-EFS50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFM50-0KF0A023A SICK-EFM50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A021A SICK-EFS50-0KF0A021A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-0KF0A015A SICK-EES37-0KF0A015A Datasheet
691Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0JF0A020A SICK-EKM36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S02 SICK-EEM37-0KF0A0S02 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-2KF0A017A SICK-EES37-2KF0A017A Datasheet
795Kb / 9P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S03 SICK-EEM37-0KF0A0S03 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com