Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1053853 Datasheet(PDF) 5 Page - SICK AG

Part # 1053853
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1053853 Datasheet(HTML) 5 Page - SICK AG

  1053853 Datasheet HTML 1Page - SICK AG 1053853 Datasheet HTML 2Page - SICK AG 1053853 Datasheet HTML 3Page - SICK AG 1053853 Datasheet HTML 4Page - SICK AG 1053853 Datasheet HTML 5Page - SICK AG 1053853 Datasheet HTML 6Page - SICK AG 1053853 Datasheet HTML 7Page - SICK AG 1053853 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EKM36-0JF0A020A | EKS/EKM36
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL®
PIN assignment
Supply / Communication pin assignment
PIN
Signal
Explanation
1
not connected
2
+U
S
/DSL+
Power supply/DSL-Data
3
GND/DSL–
Ground connection/DSL-Data
4
not connected
1
2
3
4
Integrated in the motor cable = J, K
Recommended outer diameter of stranded cable: 4 mm +0/–0.3 mm
Recommended mating connector: JST (GHR-04V-S)
Diagram
Diagram 1
0
18 Bit
20 Bit
Filter cutoff speed [rpm]
Position noise ["]
10,000
20,000
30,000
40,000
3.0
6.0
5.0
4.0
2.0
1.0
0.0
Signal noise is measured as 1 standard deviation (σ) of the value distribution. Position filter cutoff speed is set by ressource 10Ah,
see page 11.
2017-06-06 20:53:05 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5


Similar Part No. - 1053853

ManufacturerPart #DatasheetDescription
logo
SICK AG
1053852 SICK-1053852 Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
logo
PHOENIX CONTACT
1053854 PHOENIX-1053854 Datasheet
343Kb / 10P
   DMCV 1,5/13-G1-3,5 P35 - PCB header
logo
SICK AG
1053856 SICK-1053856 Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
logo
PHOENIX CONTACT
1053856 PHOENIX-1053856 Datasheet
342Kb / 10P
   DMCV 1,5/14-G1-3,5 P35 - PCB header
logo
SICK AG
1053857 SICK-1053857 Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - 1053853

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-2KF0A020A SICK-EKM36-2KF0A020A Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A023A SICK-EFS50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFM50-0KF0A023A SICK-EFM50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A021A SICK-EFS50-0KF0A021A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-0KF0A015A SICK-EES37-0KF0A015A Datasheet
691Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S02 SICK-EEM37-0KF0A0S02 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-2KF0A017A SICK-EES37-2KF0A017A Datasheet
795Kb / 9P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S03 SICK-EEM37-0KF0A0S03 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com