Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ2-35344B-SMT-TR Datasheet(PDF) 2 Page - CUI INC

Part # SJ2-35344B-SMT-TR
Description  brass bushing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-35344B-SMT-TR Datasheet(HTML) 2 Page - CUI INC

  SJ2-35344B-SMT-TR Datasheet HTML 1Page - CUI INC SJ2-35344B-SMT-TR Datasheet HTML 2Page - CUI INC SJ2-35344B-SMT-TR Datasheet HTML 3Page - CUI INC SJ2-35344B-SMT-TR Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ MODEL: SJ2-35344B-SMT-TR │ DESCRIPTION: AUDIO JACK
date 12/12/2016
│ page 2 of 4
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
gold flash
terminal 2
copper alloy
gold flash
terminal 3
copper alloy
gold flash
terminal 4
copper alloy
gold flash
terminal 5
stainless steel
gold flash
terminal 10
copper alloy
gold flash
bushing
brass
nickel
plastic
PA10T
Recommended PCB Layout
Top View
3.5 MATING PLUG
units: mm
tolerance:
X.X ±0.2 mm
X.XX ±0.10 mm
X.XXX ±0.050 mm
PCB: ±0.05 mm
Model No.
SJ2-35344B-SMT-TR
Schematic
PIN
1
sleeve
2
tip
3
ring 1
4
ring 2
5
sleeve
10
tip switch
For more information, please visit the product page.


Similar Part No. - SJ2-35344B-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-3534A-SMT-TR CUI-SJ2-3534A-SMT-TR Datasheet
416Kb / 4P
   mid mount SMT for low profile designs
More results

Similar Description - SJ2-35344B-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
   brass bushing
SJ2-35464A-SMT-TR CUI-SJ2-35464A-SMT-TR Datasheet
460Kb / 4P
   brass bushing
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
   Threaded bushing
31.07.2023
logo
Molex Electronics Ltd.
63890-0995 MOLEX11-63890-0995 Datasheet
33Kb / 1P
   Bushing - Punch
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
   Bushing Black
Version: 05
logo
Molex Electronics Ltd.
0638900995 MOLEX-0638900995 Datasheet
15Kb / 1P
   Bushing - Punch
08/25/2022
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
   RUBBER BUSHING
logo
List of Unclassifed Man...
561-MP3P4 ETC2-561-MP3P4 Datasheet
175Kb / 1P
   Strain Relief Bushing
logo
Glenair, Inc.
M28840-22-S10 GLENAIR-M28840-22-S10 Datasheet
75Kb / 1P
   Metal Conduit Bushing
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com