Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ-3579AN Datasheet(PDF) 2 Page - CUI INC

Part # SJ-3579AN
Description  PCB mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ-3579AN Datasheet(HTML) 2 Page - CUI INC

  SJ-3579AN Datasheet HTML 1Page - CUI INC SJ-3579AN Datasheet HTML 2Page - CUI INC SJ-3579AN Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: SJ-357XN │ DESCRIPTION: 3.5 MM AUDIO JACK
date 04/05/2016
│ page 2 of 3
4.5 0.177
2.00 0.079
5.0 0.197
12.5 0.492
10.00.394
5.00.197
10.00.394
1.200.047
(7 PLCS)
1.00 0.039
(6 PLCS)
12.5 0.492
5.0 0.197
2.00 0.079
0.394
10.0
0.177
4.50
5.0 0.197
10.0 0.394
8
1
9
TOP VIEW
5
2
3
47
6
10
PCB LAYOUT
11
(5 PLCS)
0.80X1.50
1
47
8
5
69
10
11
3
2
0.197
5.00
6.00 0.236
1.00 0.039
(TYP)
3.600 0.142
0.472
12.0
9.0 0.354
3.3 0.130
0.3
(TYP)
0.3
20.7
14.0 0.551
0.815
0.118
(7 PLCS)
3.00
0.039
1.000
0.039
1.00
1.00 0.039
(5 PLCS)
MECHANICAL DRAWING
MATERIAL
PLATING
terminals 1, 3
copper alloy
tin
terminal 2
stainless steel
silver
terminals 4~9
brass
silver
terminal 10~11
brass
tin
bushing
brass
nickel
plastic
PA66
contact clip
C5210
silver
Model No.
SJ-3570AN
SJ-3570BN
SJ-3571N
SJ-3579AN
SJ-3579BN
SCHEMATIC
6
1
2
4
5
3
8
Plug
Not
Inserted
9
7
8
5
Plug
Inserted
9
6
10
11
1
3
2
4
5
6
6
Plug
Not
Inserted
9
7
8
5
Plug
Inserted
9
8
11
1
2
4
5
6
3
8
Plug
Not
Inserted
9
7
8
5
Plug
Inserted
9
6
10
6
Plug
Not
Inserted
9
7
8
5
Plug
Inserted
9
8
6
1
3
2
4
5
8
Plug
Not
Inserted
9
7
8
5
Plug
Inserted
9
6
10
5
1
6
2
4
PIN
1
sleeve
sleeve
sleeve
sleeve
sleeve
2
tip
tip
tip
tip
tip
3
ring
ring
ring
ring
NP
10
tip switch
NP
tip switch
NP
tip switch
11
NP
ring switch
ring switch
NP
NP
7
4
7
4
7
4
4
4
7
7
Ø 3.5 MATING PLUG
14
units: mm [inches]
tolerance: X.X=±0.2 mm
X.XX=±0.1 mm
X.XXX=±0.05 mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
For more information, please visit the product page.


Similar Part No. - SJ-3579AN

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ-3571N CUID-SJ-3571N Datasheet
373Kb / 3P
   AUDIO JACK
05/23/2023
More results

Similar Description - SJ-3579AN

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com