Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF-D250-D312A Datasheet(PDF) 4 Page - CUI INC

Part # VF-D250-D312A
Description  up to 250 W continuous power w/ 16 CFM forced air
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-D250-D312A Datasheet(HTML) 4 Page - CUI INC

  VF-D250-D312A Datasheet HTML 1Page - CUI INC VF-D250-D312A Datasheet HTML 2Page - CUI INC VF-D250-D312A Datasheet HTML 3Page - CUI INC VF-D250-D312A Datasheet HTML 4Page - CUI INC VF-D250-D312A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VF-D250-DXXA │ DESCRIPTION: AC-DC POWER SUPPLY
date 03/29/2013
│ page 4 of 5
INPUT
OUTPUT
MECHANICAL DRAWING
Notes:
1. CN1 mates with molex part no. 09-91-0500 or equivalent and molex 2478, 2578, 8818 crimp pins.
2. CN2 mates with molex part no. 09-91-0800 and molex 2478, 2578, 8818 crimp pins.
3. CN3 mates with JST part no. XHP-3 or equivalent (CHYAO SHIUNN JS-2001-03) and JST SXH-002T-P0.6 mating pins
4. Fan drive connector mates with JST part no. XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02).
5. Mounting hole max depth 2.30mm
CN1
1
ground
2
ac neutral
3
ac line
CN2
1
Vo2
2
RTN
3
RTN
4
RTN
5
RTN
6
Vo1
7
Vo1
8
Vo1
CN3
1
Power Good
2
remote switch
3
RTN
For more information, please visit the product page.


Similar Part No. - VF-D250-D312A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-D250-D312A CUI-VF-D250-D312A Datasheet
499Kb / 5P
   AC-DC POWER SUPPLY
01/10/2022
VF-D250-D312A-CF CUI-VF-D250-D312A-CF Datasheet
497Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D250-D312A-CF CUI-VF-D250-D312A-CF Datasheet
647Kb / 5P
   AC-DC POWER SUPPLY
01/10/2022
More results

Similar Description - VF-D250-D312A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMH XPPOWER-EMH Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
logo
CUI INC
SWI25-E CUI-SWI25-E Datasheet
439Kb / 4P
   up to 25.2 W continuous power
SWI10-N CUI-SWI10-N Datasheet
550Kb / 5P
   up to 12 W continuous power
logo
Vicor Corporation
BCM384Y120X1K5AC1 VICOR-BCM384Y120X1K5AC1 Datasheet
2Mb / 23P
   Up to 1500 W continuous output power
logo
Bel Fuse Inc.
MBC225 BEL-MBC225 Datasheet
598Kb / 7P
   225 W with Forced Air Cooling
logo
CUI INC
PBK-3 CUI-PBK-3 Datasheet
746Kb / 9P
   up to 3 W continuous output
logo
Bel Fuse Inc.
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
   200 W with Forced-Air Cooling
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
   225 W with Forced Air Cooling & 130 W with Convection Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com