Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF-D250-D312A-CF Datasheet(PDF) 2 Page - CUI INC

Part # VF-D250-D312A-CF
Description  over load, over voltage, over temperature, and short circuit protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-D250-D312A-CF Datasheet(HTML) 2 Page - CUI INC

  VF-D250-D312A-CF Datasheet HTML 1Page - CUI INC VF-D250-D312A-CF Datasheet HTML 2Page - CUI INC VF-D250-D312A-CF Datasheet HTML 3Page - CUI INC VF-D250-D312A-CF Datasheet HTML 4Page - CUI INC VF-D250-D312A-CF Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VF-D250-DXXA-CF │ DESCRIPTION: AC-DC POWER SUPPLY
date 03/29/2013
│ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90-132/180-264 auto selectable
90/180
132/264
Vac
frequency
47
63
Hz
current
at 110-120 Vac, cold start
at 200-240 Vac, cold start
6
3
A
A
inrush current
at 115 Vac, full load, cold start
at 230 Vac, full load, cold start
35
70
A
A
power factor
Compliant to EN61000-3-2 class A
remote on/off
Designated as RMSW on the CN1, requires a low signal to inhibit output. Hiccough mode.
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
low line to high line
±5
%
load regulation
all other outputs
±5
%
temperature coefficient
0.25
mV/°C
transient response
Output voltage returns to within 1% in less than 2.5 mS for a 50% load change.
Peak transient does not exceed 5%.
start-up time
At 120 Vac
1
s
rise time
0.2
20
ms
hold-up time
At 120 VAC and 80% of rated maximim load
20
ms
adjustability
±5
%
power good
Designated as PG on the CN1.
This signal goes high 100-500 mS after the output reaches regulation.
It goes low at least 1 mS before loss of regulation.
fan drive
12 Vdc / 400 mA for external fan
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
AC input needs to be reset to restart the power supply.
130
%
over current protection
Automatically recovers
110
140
%
short circuit protection
Short circuit can be continuous. Recovers automatically upon removal of short.
over temp. protection
Auto recovery.
85
°C
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
Applied for 3 seconds at 10 mA max.
Primary to secondary:
Primary to transformer core:
Primary to earth chassis:
3,000
1,500
1,500
Vac
Vac
Vac
safety approvals
UL60950-1, CSA C22.2 No. 60950-1, TUV EN60950-1 and CB
EMI/EMC
CISPR 22/EN55022 class B, EN61000-3-2, 3,
EN61000-4-2, 3, 4, 5, 6, 8, 11, EN55024 CE marked (LVD)
leakage current
at 240 Vac
at 120 Vac
500
300
μA
μA
RoHS compliant
yes
MTBF
According to MIL-HDBK-217 at 30 ºC
100,000
hrs
For more information, please visit the product page.


Similar Part No. - VF-D250-D312A-CF

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-D250-D312A-CF CUI-VF-D250-D312A-CF Datasheet
647Kb / 5P
   AC-DC POWER SUPPLY
01/10/2022
More results

Similar Description - VF-D250-D312A-CF

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA CUI-VF-D320-DXXXA Datasheet
226Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
logo
Delta Electronics, Inc.
ADP-19V DELTA-ADP-19V Datasheet
461Kb / 5P
   Over-Voltage/Load/Temperature & Short Circuit protections
150AAS24-F DELTA-150AAS24-F Datasheet
577Kb / 9P
   Over-Voltage/Load/Temperature & Short Circuit protections
150AAS12-F DELTA-150AAS12-F Datasheet
547Kb / 9P
   Over-Voltage/Load/Temperature & Short Circuit protections
logo
Arch Electronics Corp.
ADF240C ARCH-ADF240C Datasheet
251Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
ADF240 ARCH-ADF240 Datasheet
186Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
SWI15-E CUI-SWI15-E Datasheet
420Kb / 4P
   over voltage, over current, and short circuit protections
SWI15-N CUI-SWI15-N Datasheet
436Kb / 4P
   over voltage, over current, and short circuit protections
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com