Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF-D250-D324A Datasheet(PDF) 5 Page - CUI INC

Part # VF-D250-D324A
Description  up to 250 W continuous power w/ 16 CFM forced air
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-D250-D324A Datasheet(HTML) 5 Page - CUI INC

  VF-D250-D324A Datasheet HTML 1Page - CUI INC VF-D250-D324A Datasheet HTML 2Page - CUI INC VF-D250-D324A Datasheet HTML 3Page - CUI INC VF-D250-D324A Datasheet HTML 4Page - CUI INC VF-D250-D324A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CUI Inc
│ SERIES: VF-D250-DXXA │ DESCRIPTION: AC-DC POWER SUPPLY
date 03/29/2013
│ page 5 of 5
CUI offers a two (2) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
05/05/2009
1.01
new template applied
12/17/2011
1.02
V-Infinity branding removed
08/28/2012
1.03
updated spec
03/29/2013
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page.


Similar Part No. - VF-D250-D324A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-D250-D324A CUI-VF-D250-D324A Datasheet
499Kb / 5P
   AC-DC POWER SUPPLY
01/10/2022
VF-D250-D324A-CF CUI-VF-D250-D324A-CF Datasheet
497Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D250-D324A-CF CUI-VF-D250-D324A-CF Datasheet
647Kb / 5P
   AC-DC POWER SUPPLY
01/10/2022
More results

Similar Description - VF-D250-D324A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMH XPPOWER-EMH Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
logo
CUI INC
SWI25-E CUI-SWI25-E Datasheet
439Kb / 4P
   up to 25.2 W continuous power
SWI10-N CUI-SWI10-N Datasheet
550Kb / 5P
   up to 12 W continuous power
logo
Vicor Corporation
BCM384Y120X1K5AC1 VICOR-BCM384Y120X1K5AC1 Datasheet
2Mb / 23P
   Up to 1500 W continuous output power
logo
Bel Fuse Inc.
MBC225 BEL-MBC225 Datasheet
598Kb / 7P
   225 W with Forced Air Cooling
logo
CUI INC
PBK-3 CUI-PBK-3 Datasheet
746Kb / 9P
   up to 3 W continuous output
logo
Bel Fuse Inc.
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
   200 W with Forced-Air Cooling
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
   225 W with Forced Air Cooling & 130 W with Convection Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com