Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF-D320-D548A Datasheet(PDF) 3 Page - CUI INC

Part # VF-D320-D548A
Description  over load, over voltage, over temperature, and short circuit protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-D320-D548A Datasheet(HTML) 3 Page - CUI INC

  VF-D320-D548A Datasheet HTML 1Page - CUI INC VF-D320-D548A Datasheet HTML 2Page - CUI INC VF-D320-D548A Datasheet HTML 3Page - CUI INC VF-D320-D548A Datasheet HTML 4Page - CUI INC VF-D320-D548A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
05/08/2013 │ page 3 of 5
CUI Inc
│ SERIES: VF-D320-DXXA │ DESCRIPTION: AC-DC POWER SUPPLY
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
0
70
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
5
90
%
storage humidity
non-condensing
5
95
%
vibration
Acceleration ± 7.35 M/(SxS), on X, Y and Z Axis
5
50
Hz
100
80
60
50
40
20
Ambient Temperature (°C)
0
102030
40
5060
70
DERATING CURVES
output power vs. ambient temperature
For more information, please visit the product page.


Similar Part No. - VF-D320-D548A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-D320-D548A CUI-VF-D320-D548A Datasheet
226Kb / 5P
   AC-DC POWER SUPPLY
VF-D320-D548A CUI-VF-D320-D548A Datasheet
562Kb / 5P
   AC-DC POWER SUPPLY
01/10/2022
VF-D320-D548A-CFS CUI-VF-D320-D548A-CFS Datasheet
292Kb / 5P
   switching power supply
VF-D320-D548A-CFS CUI-VF-D320-D548A-CFS Datasheet
221Kb / 5P
   AC-DC POWER SUPPLY
VF-D320-D548A-CFS CUI-VF-D320-D548A-CFS Datasheet
221Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
More results

Similar Description - VF-D320-D548A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D250-DXXA-CF CUI-VF-D250-DXXA-CF Datasheet
497Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
logo
Delta Electronics, Inc.
ADP-19V DELTA-ADP-19V Datasheet
461Kb / 5P
   Over-Voltage/Load/Temperature & Short Circuit protections
150AAS24-F DELTA-150AAS24-F Datasheet
577Kb / 9P
   Over-Voltage/Load/Temperature & Short Circuit protections
150AAS12-F DELTA-150AAS12-F Datasheet
547Kb / 9P
   Over-Voltage/Load/Temperature & Short Circuit protections
logo
Arch Electronics Corp.
ADF240C ARCH-ADF240C Datasheet
251Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
ADF240 ARCH-ADF240 Datasheet
186Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
SWI15-E CUI-SWI15-E Datasheet
420Kb / 4P
   over voltage, over current, and short circuit protections
SWI15-N CUI-SWI15-N Datasheet
436Kb / 4P
   over voltage, over current, and short circuit protections
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com