Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF-S250-24A Datasheet(PDF) 3 Page - CUI INC

Part # VF-S250-24A
Description  passive power factor correction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-S250-24A Datasheet(HTML) 3 Page - CUI INC

  VF-S250-24A Datasheet HTML 1Page - CUI INC VF-S250-24A Datasheet HTML 2Page - CUI INC VF-S250-24A Datasheet HTML 3Page - CUI INC VF-S250-24A Datasheet HTML 4Page - CUI INC VF-S250-24A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
08/13/2013 │ page 3 of 5
CUI Inc
│ SERIES: VF-S250-XXA │ DESCRIPTION: AC-DC POWER SUPPLY
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
070
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
5%
90%
%
storage humidity
non-condensing
5%
95%
%
vibration
acceleration ±7.35 M/(SxS), on X, Y and Z Axis
5
50
Hz
100
80
60
50
40
20
Ambient Temperature (°C)
0
102030
40
5060
70
DERATING CURVE
output power vs. ambient temperature
For more information, please visit the product page.


Similar Part No. - VF-S250-24A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-S250-24A CUI-VF-S250-24A Datasheet
429Kb / 5P
   switching power supply
VF-S250-24A CUI-VF-S250-24A Datasheet
670Kb / 5P
   AC-DC POWER SUPPLY
04/26/2021
VF-S250-24A-CF CUI-VF-S250-24A-CF Datasheet
336Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - VF-S250-24A

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P1900 MPSIND-P1900 Datasheet
614Kb / 1P
   PASSIVE POWER FACTOR CORRECTION INDUCTORS
P191 MPSIND-P191 Datasheet
687Kb / 2P
   PASSIVE POWER FACTOR CORRECTION INDUCTORS
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com