Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1M8662A Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1M8662A
Description  CDMA/PCS/GPS Triple Mode IF/ baseband IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8662A Datasheet(HTML) 5 Page - Samsung semiconductor

  S1M8662A Datasheet HTML 1Page - Samsung semiconductor S1M8662A Datasheet HTML 2Page - Samsung semiconductor S1M8662A Datasheet HTML 3Page - Samsung semiconductor S1M8662A Datasheet HTML 4Page - Samsung semiconductor S1M8662A Datasheet HTML 5Page - Samsung semiconductor S1M8662A Datasheet HTML 6Page - Samsung semiconductor S1M8662A Datasheet HTML 7Page - Samsung semiconductor S1M8662A Datasheet HTML 8Page - Samsung semiconductor S1M8662A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RX IF/BBA WITH GPS
S1M8662A (Preliminary)
5
PIN DESCRIPTION (Continued)
Pin No
Symbol
I/O
Description
24
25
26
27
RXQD3
RXQD2
RXQD1
RXQD0
DO
Q Channel 4-bit A-D Converter's digital outputs, which are connected
to the modem data input pins. These data are synchronized at
CHIP
×8's rising edge and output. Because they are valid at the falling
edge, the data are latched at the falling edge in the modem.
28
VDDM
DI
Power source for a logic circuit ,related to the digital input /output,
connected to an external digital logic such as the modem.
29
30
31
32
RXQD3
RXQD2
RXQD1
RXQD0
DO
I Channel 4-bit A-D Converter's digital outputs, which are connected to
the modem data input pins. These data are synchronized at CHIP
×8's
rising edge and output. Because they are valid at the falling edge, the
data are latched at the falling edge in the modem.
Table 1. S1M8660A and S1M8662A Function & Control Content Comparison
Function / Mode Control
S1M8660A
S1M8662A
Operation Modes
CDMA (Cellular CDMA, PCS)
AMPS (FM)
Global Positioning System (GPS)
IF AGC 90dB Range
CDMA (Cellular CDMA, PCS)
AMPS (FM)
Global Positioning System (GPS)
IF to Analog Baseband Quadrature Down-Conversion
CDMA (Cellular CDMA, PCS)
AMPS (FM)
Global Positioning System (GPS)
Low Pass Baseband I/Q Filtering with Mode Specific Performance
CDMA (Cellular CDMA, PCS)
AMPS (FM)
Global Positioning System (GPS)
4-bit I/Q Analog to Digital Converters, Parallel Outputs
CDMA (Cellular CDMA, PCS)
Global Positioning System (GPS)
8-bit I/Q Analog to Digital Converters, Serial Outputs
AMPS (FM)
Rx Slotting Operation for Saving Current Consumption
Clock Generation
TCXO/N Output
∆ (N=1)
Configurable CHIPx8 as Input or Output
∆ (Input)
VCO for Generation the Rx IF LO
Analog Baseband Amplifiers with I/Q Offset Controls


Similar Part No. - S1M8662A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8660A SAMSUNG-S1M8660A Datasheet
198Kb / 32P
   RX IF / BBA WITH GPS
S1M8660AX01-F0T0 SAMSUNG-S1M8660AX01-F0T0 Datasheet
198Kb / 32P
   RX IF / BBA WITH GPS
More results

Similar Description - S1M8662A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
logo
List of Unclassifed Man...
CX20529 ETC-CX20529 Datasheet
601Kb / 2P
   CDMA/FM/ GPS BASEBAND ANALOG PROCESSOR
CX20536 ETC-CX20536 Datasheet
48Kb / 2P
   CX20536: CDMA and GPS Baseband Analog Processor
logo
ATMEL Corporation
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
   GPS Baseband GPS Baseband
logo
TriQuint Semiconductor
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
logo
Zarlink Semiconductor I...
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Mitel Networks Corporat...
PLUTO MITEL-PLUTO Datasheet
139Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Sony Corporation
CXA3003R SONY-CXA3003R Datasheet
534Kb / 32P
   Baseband analog processing IC for dual-mode CDMA/FM cellular phone
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com