Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5D2400X Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S5D2400X
Description  S5D2400X scaling image processor
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D2400X Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S5D2400X Datasheet HTML 7Page - Samsung semiconductor S5D2400X Datasheet HTML 8Page - Samsung semiconductor S5D2400X Datasheet HTML 9Page - Samsung semiconductor S5D2400X Datasheet HTML 10Page - Samsung semiconductor S5D2400X Datasheet HTML 11Page - Samsung semiconductor S5D2400X Datasheet HTML 12Page - Samsung semiconductor S5D2400X Datasheet HTML 13Page - Samsung semiconductor S5D2400X Datasheet HTML 14Page - Samsung semiconductor S5D2400X Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
PRELIMINARY DATASHEET
S5D2400X
11
Table 4. DVI Interface Pins
Pin Name
I/O
Pin No
Description
RSTN
I
9
System Reset (Low Active)
RIO[7:0]
I/O
31 ~ 38
Input or Dual Output Port RED[7:0]
ITU-R BT.601: UV Data Input Port
Pull down resistors
GIO[7:0]
I/O
40 ~ 47
Input or Dual Output Port GREEN[7:0]
Pull down resistors
BIO[7:0]
I/O
49 ~ 56
Input or Dual Output Port BLUE[7:0]
Pull down resistors
DVS
I
64
V-SYNC Input
DHS
I
65
H-SYNC Input
DCK
I
67
Input Clock
DDEN
I
68
Input Data Enable (Digital Input Mode)
Table 5. Panel Interface Pins
Pin Name
I/O
Pin No
Description
RO[7:0]
O
1~2
95~100
Single Output Port RED[7:0]
PCKO
O
72
Output Clock
PDEN
O
73
Output Data Enable
PVSO
O
74
V-SYNC Output
PHSO
O
75
H-SYNC Output
BO[7:0]
O
77~84
Single Output Port BLUE[7:0]
GO[7:0]
O
86~93
Single Output Port GREEN[7:0]
Table 6. Test Pins
Pin Name
I/O
Pin No
Description
SCAN
I
69
Scan Enable Signal for test. Not use normal condition
(Always Low)
TMD0
I
70
Test Mode Selection 0 (Always Low)
TMD1
I
71
Test Mode Selection 1 (Always Low)


Similar Part No. - S5D2400X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
S5D2508A SAMSUNG-S5D2508A Datasheet
222Kb / 24P
   OSD PROCESSOR FOR MONITOR
S5D2508A01 SAMSUNG-S5D2508A01 Datasheet
222Kb / 24P
   OSD PROCESSOR FOR MONITOR
S5D2508A01-D0B0 SAMSUNG-S5D2508A01-D0B0 Datasheet
222Kb / 24P
   OSD PROCESSOR FOR MONITOR
S5D2509 SAMSUNG-S5D2509 Datasheet
289Kb / 32P
   OSD PRESSOR FOR MONITOR (PRELIMINARY)
More results

Similar Description - S5D2400X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP00C711 ETC2-IP00C711 Datasheet
627Kb / 2P
   Image Scaling Device
logo
Gennum Corporation
GF9320 GENNUM-GF9320 Datasheet
952Kb / 60P
   Scaling Processor
logo
Zoran Corporation
PM-22 ZORAN-PM-22 Datasheet
67Kb / 2P
   Multifunction Image Processor
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
logo
Mitsubishi Electric Sem...
M66335FP MITSUBISHI-M66335FP Datasheet
656Kb / 57P
   FACSIMILE IMAGE DATA PROCESSOR
M66333FP MITSUBISHI-M66333FP Datasheet
1Mb / 51P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
   CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
Mitsubishi Electric Sem...
M66332FP MITSUBISHI-M66332FP Datasheet
336Kb / 43P
   FACSIMILE IMAGE DATA PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com