Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56-21 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SA56-21
Description  14MM SINGLE DIGIT NUMERIC DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA56-21 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SA56-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA56-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7-S56-3
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Peak Wavelength
Red
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
660
700
625
565
590
660
nm
IF=20mA
Spectral Line
Halfwidth
Red
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
20
45
45
30
35
20
nm
IF=20mA
Capacitance
Red
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
40
40
12
45
10
95
pF
VF=0V;f=1MHz
Forward Voltage
Red
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
1.7
2.0
2.0
2.2
2.1
1.85
2.1
2.5
2.5
2.5
2.5
2.5
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Electrical / Optical Characteristics at TA=25° C
Ü´1/2
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
´peak
C
vF
IR
Parameter
Red
Bright
Red
High
Efficiency
Red
Green
Yellow
Super
Bright
Red
Units
Power dissipation
120
120
105
105
105
100
mW
DC Forward Current
30
25
30
25
30
30
mA
Peak Forward Current [1]
150
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Lead Soldering Temperature [2]
260
For 5 Seconds
Absolute Maximum Ratings at TA=25° C
° C
° C
° C


Similar Part No. - SA56-21

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA56-21EWA KINGBRIGHT-SA56-21EWA Datasheet
126Kb / 4P
   14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
SA56-21EWA KINGBRIGHT-SA56-21EWA Datasheet
186Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21EWA KINGBRIGHT-SA56-21EWA_07 Datasheet
186Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21EWA KINGBRIGHT-SA56-21EWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21GWA KINGBRIGHT-SA56-21GWA Datasheet
186Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA56-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA56-11 ETC-BA56-11 Datasheet
525Kb / 6P
   14mm (0.56INCH) THREE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS144A MICRO-ELECTRONICS-MS144A Datasheet
61Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
MS139A MICRO-ELECTRONICS-MS139A Datasheet
63Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-3406L LITEON-LTS-3406L Datasheet
1Mb / 8P
   0.8 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SX52 ETC-SX52 Datasheet
149Kb / 5P
   13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MY131A-C MICRO-ELECTRONICS-MY131A-C Datasheet
74Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
   4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com