Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT312D Datasheet(PDF) 4 Page - CUI INC

Part # AMT312D
Description  MODULAR COMMUTATION ENCODER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT312D Datasheet(HTML) 4 Page - CUI INC

  AMT312D Datasheet HTML 1Page - CUI INC AMT312D Datasheet HTML 2Page - CUI INC AMT312D Datasheet HTML 3Page - CUI INC AMT312D Datasheet HTML 4Page - CUI INC AMT312D Datasheet HTML 5Page - CUI INC AMT312D Datasheet HTML 6Page - CUI INC AMT312D Datasheet HTML 7Page - CUI INC AMT312D Datasheet HTML 8Page - CUI INC AMT312D Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
cui.com
date 10/13/2015
│ page 4 of 10
CUI Inc
│ SERIES: AMT31 │ DESCRIPTION: MODULAR COMMUTATION ENCODER
B
7
95 3
SCALE 4 : 1
13
14 12 10 8642
11
DETAIL B
1
15
14
13
16
SCALE 4 : 1
1
2
3
4
5
6
7
8
9
10
11
12
SECTION A-A
17
A
A
ENCODER INTERFACE
PINOUT CONNECTOR
Function
#
AMT312S
AMT312Q
AMT312C
AMT312D
AMT313S
AMT313Q
1
TX_ENC+
TX_ENC+
TX_ENC+
TX_ENC+
RX_ENC+
RX_ENC+
2
RX_ENC+
RX_ENC+
RX_ENC+
RX_ENC+
TX_ENC+
TX_ENC+
3
U+
U+
U+
U+
U+
U+
4
GND1
GND1
GND1
GND1
GND1
GND1
5
W+
W+
W+
W+
W+
W+
6
+5 V
+5 V
+5 V
+5 V
+5 V
+5 V
7
V+
V+
V+
V+
V+
V+
8
B+
B+
B+
B+
B+
B+
9
N/A
B-
N/A
B-
N/A
B-
10
A+
A+
A+
A+
A+
A+
11
N/A
A-
N/A
A-
N/A
A-
12
Z+
Z+
Z+
Z+
Z+
Z+
13
N/A
Z-
N/A
Z-
N/A
Z-
14
MCLRB
MCLRB
MCLRB
MCLRB
MCLRB
MCLRB
15
N/A
N/A
W-
W-
N/A
N/A
16
N/A
N/A
V-
V-
N/A
N/A
17
N/A
N/A
U-
U-
N/A
N/A
AMT313S & AMT313Q
AMT312S, AMT312Q,
AMT312C & AMT312D
Mating Connector:
Samtec ISDF-07-D-L
Mating Connector:
JAE FI-W17S
Note:
1. Connect encoder GND to motor chassis as closely as possible. For additional grounding techniques contact CUI Application Support.
For more information, please visit the product page.


Similar Part No. - AMT312D

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT312C-0048-4000-02-CW-S CUI-AMT312C-0048-4000-02-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT312C-0096-4000-02-CW-S CUI-AMT312C-0096-4000-02-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT312C-0100-4000-02-CW-S CUI-AMT312C-0100-4000-02-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT312D CUI-AMT312D Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
logo
Lin Eng. Inc.
AMT312D LINENGINEERING-AMT312D Datasheet
234Kb / 2P
   CABLE
More results

Similar Description - AMT312D

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT10 CUI-AMT10_13 Datasheet
617Kb / 8P
   MODULAR ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com