Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS122U04IRTET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS122U04IRTET
Description  24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS122U04IRTET Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS122U04IRTET Datasheet HTML 6Page - Texas Instruments ADS122U04IRTET Datasheet HTML 7Page - Texas Instruments ADS122U04IRTET Datasheet HTML 8Page - Texas Instruments ADS122U04IRTET Datasheet HTML 9Page - Texas Instruments ADS122U04IRTET Datasheet HTML 10Page - Texas Instruments ADS122U04IRTET Datasheet HTML 11Page - Texas Instruments ADS122U04IRTET Datasheet HTML 12Page - Texas Instruments ADS122U04IRTET Datasheet HTML 13Page - Texas Instruments ADS122U04IRTET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
Synchronization word
Register configuration
GPIOx
RX
WREG command
tp(GPIO)
Synchronization word
TX
RX
RREG command
tp(RREG)
Register data
DRDY
TX
Data 1
tw(DRL)
tpd(DRTX)
Synchronization word
RDATA command
DRDY
RX
tpd(RDDR)
TX
Data 1
tw(DRH)
tpd(RDTX)
10
ADS122U04
SBAS752 – MAY 2017
www.ti.com
Product Folder Links: ADS122U04
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 3. Manual Data Read Mode DRDY Switching Characteristics
Figure 4. Automatic Data Read Mode DRDY Switching Characteristics
Figure 5. Register Read Switching Characteristics
Figure 6. GPIO Switching Characteristics


Similar Part No. - ADS122U04IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
More results

Similar Description - ADS122U04IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com