Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP116N Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP116N
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP116N Datasheet(HTML) 4 Page - Texas Instruments

  TMP116N Datasheet HTML 1Page - Texas Instruments TMP116N Datasheet HTML 2Page - Texas Instruments TMP116N Datasheet HTML 3Page - Texas Instruments TMP116N Datasheet HTML 4Page - Texas Instruments TMP116N Datasheet HTML 5Page - Texas Instruments TMP116N Datasheet HTML 6Page - Texas Instruments TMP116N Datasheet HTML 7Page - Texas Instruments TMP116N Datasheet HTML 8Page - Texas Instruments TMP116N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
TMP116, TMP116N
SBOS740 – MAY 2017
www.ti.com
Product Folder Links: TMP116 TMP116N
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Specifications
6.1 Absolute Maximum Ratings
MIN
MAX
UNIT
Supply voltage, V+
–0.3
6
V
Voltage at SCL, SDA, ALERT, and ADD0
–0.3
6
V
Operating junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
V+
Supply voltage
1.9
3.3
5.5
V
TA
Operating free-air temperature
–55
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TMP116
UNIT
DRV (WSON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
68.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.5
°C/W
RθJB
Junction-to-board thermal resistance
38.3
°C/W
ψJT
Junction-to-top characterization parameter
1.7
°C/W
ψJB
Junction-to-board characterization parameter
38.6
°C/W


Similar Part No. - TMP116N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP116N TI1-TMP116N Datasheet
1Mb / 48P
[Old version datasheet]   TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
More results

Similar Description - TMP116N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
[Old version datasheet]   high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com