Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82140 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82140
Description  17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82140 Datasheet(HTML) 3 Page - Texas Instruments

  TPS82140 Datasheet HTML 1Page - Texas Instruments TPS82140 Datasheet HTML 2Page - Texas Instruments TPS82140 Datasheet HTML 3Page - Texas Instruments TPS82140 Datasheet HTML 4Page - Texas Instruments TPS82140 Datasheet HTML 5Page - Texas Instruments TPS82140 Datasheet HTML 6Page - Texas Instruments TPS82140 Datasheet HTML 7Page - Texas Instruments TPS82140 Datasheet HTML 8Page - Texas Instruments TPS82140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
3
4
8
7
6
5
EN
VIN
GND
VOUT
SS/TR
FB
PG
VOUT
3
TPS82140
www.ti.com
SLVSDN3 – JUNE 2017
Product Folder Links: TPS82140
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
space
8-Pin µSiL Package
(SIL0008C Top View)
space
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
1
I
Enable pin. Pull High to enable the device. Pull Low to disable the device. This pin has an
internal pull-down resistor of typically 400kΩ when the device is disabled.
VIN
2
PWR
Input pin.
GND
3
Ground pin.
VOUT
4,5
PWR
Output pin.
FB
6
I
Feedback reference pin. An external resistor divider connected to this pin programs the output
voltage.
PG
7
O
Power good open drain output pin. A pull-up resistor can be connected to any voltage less than
6V. Leave it open if it is not used.
SS/TR
8
I
Soft startup and voltage tracking pin. An external capacitor connected to this pin sets the internal
reference voltage rising time.
Exposed Thermal Pad
The exposed thermal pad must be connected to the GND pin. Must be soldered to achieve
appropriate power dissipation and mechanical reliability.


Similar Part No. - TPS82140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82130SILR TI1-TPS82130SILR Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82130SILT TI1-TPS82130SILT Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150SIL TI1-TPS82150SIL Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results

Similar Description - TPS82140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPSM82822 TI1-TPSM82822_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822 Datasheet
1Mb / 24P
[Old version datasheet]   TPSM82822 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPSM82823 TI-TPSM82823 Datasheet
4Mb / 44P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com