Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF5-0 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SMF5-0
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMF5-0 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SMF5-0_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. SMF5-0_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. SMF5-0_17 Datasheet HTML 3Page - HY ELECTRONIC CORP. SMF5-0_17 Datasheet HTML 4Page - HY ELECTRONIC CORP. SMF5-0_17 Datasheet HTML 5Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
For surface mounted applications in order to
optimize board space
Low profile space
Glass passivated chip
Low inductance
Excellent clamping capability
Very fast response time
Typical ID less than 1µA at VWM
200 W peak pulse power capability
with a 10/1000 µs waveform
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
MECHANICAL DATA
● Case: JEDEC SOD-123FL molded plastic
over passivated chip
● Terminals: Solder plated, solderable per
MIL-STD-750 Method 2026
● Polarity: For uni-directional types the band
by laser denotes the cathode, which is
positive with respect to the anode under
normal TVS operation
Dimensions in inches and(millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UNIT
Peak pulse power dissipation
with a 10/1000µs waveform (see fig. 1)
Peak forward surge current 8.3ms single half sine-wave
IFSM
A
Peak pulse current
with a waveform (see fig. 3 , single pulse)
Typical thermal resistance, junction to ambient
(1)
RθJA
℃/W
Typical thermal resistance, junction to lead
(1)
RθJL
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Rev. 8, 16-Mar-2017
-55 to + 150
Notes: 1.Mounted on P.C.B. with 0.036 x 0.06” (0.9 x 1.5mm) copper pad areas.
120.0
-55 to + 150
IPPM
See Next Table
30.0
A
VALUE
PPPM
200
W
20
SMF SERIES
SURFACE MOUNT
UNIDIRECTIONAL AND BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
REVERSE VOLTAGE
- 5.0
to 170 Volts
.
POWER DISSIPATION - 200 Watts
SOD-123FL
.114(2.9)
.098(2.5)
.039(1.0)
.024(0.6)
.004(0.1)max
.020(0.5)
.043(1.1)
.031(0.8)
.047(1.2)
.154(3.9)
.138(3.5)
.010(0.25)
.002(0.05)


Similar Part No. - SMF5-0_17

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMF5 FORMOSA-SMF5 Datasheet
463Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Guangdong Juxing Electr...
SMF5.0 JUXING-SMF5.0 Datasheet
756Kb / 4P
   Glass Passivated TVS
logo
Diotec Semiconductor
SMF5.0 DIOTEC-SMF5.0 Datasheet
184Kb / 3P
   SMD Transient Voltage Suppressor Diodes
logo
Diotech Company.
SMF5.0(C)A DIOTECH-SMF5.0(C)A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMF5-0_17

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ Datasheet
121Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com