Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7771 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7771
Description  8-Ch, 24-Bit Simultaneous Sampling ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 5 Page - Analog Devices

  AD7771 Datasheet HTML 1Page - Analog Devices AD7771 Datasheet HTML 2Page - Analog Devices AD7771 Datasheet HTML 3Page - Analog Devices AD7771 Datasheet HTML 4Page - Analog Devices AD7771 Datasheet HTML 5Page - Analog Devices AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Rev. PrC | Page 4 of 13
SPECIFICATIONS
AVDD1x/AVSSx = ±1.65V, 3.3V/AGND, AVDD2 - AVSSx = 2.2 V to 3.6V; IOVDD = 2.3V to 3.6V; DGND = 0V, REF = 2.5 V
internal/external, MCLK = 8192 kHz for High Resolution Mode and 4096 kHz for Low Power Mode, ODR = 128 kHz High Resolution
(HR) Mode, ODR = 32 kHz Low Power (LP) Mode; all specifications TMIN to TMAX, unless otherwise noted.
Table 1. Specification Table
Parameter
Test Conditions
Comment
Min
Typ
Max
Unit
ANALOG INPUTS
Differential Input Voltage Range
VREF = (REF+ − REF−)
±VREF/PGAGAIN
V
Single-Ended Input Voltage
Range
0
0to VREF/
PGAGAIN
V
Common-Mode Input Range
AVSS +0.10
(AVDD1−AVSS)/2
AVDD1 – 0.10
V
Absolute AIN Voltage Limits
AVSS +0.10
AVDD1 – 0.10
DC Input Current
HR, MCLK=8192 kHz
±6
nA
LP, MCLK=4096 kHz
±2.5
nA
Differential Bias current
HR
±3
nA
LP
±1
nA
Input Current Drift
TBD
µA/°C
Input Capacitance
8pF
pF
PGA
Gain Settings
1,2,4,8
Gain drift
±3
ppm/°C
Bandwidth
Small Signal
32
kHz
Large Signal HR Mode
10
kHz
Large Signal LP Mode
3
kHz
REFERENCE
INTERNAL
Output Voltage
REF_OUT
−0.2%
2.5
+0.2%
V
Initial Accuracy
TA = 25°C
−5mV
REF_OUT
+5mV
V
Temperature Coefficient
-40°C < TA <+105°C
±5
ppm/°C
Reference Load Current
IL
−10
+10
mA
DC Power Supply Rejection
(Line Regulation)
95
dB
Load Regulation
∆VOUT/∆IL
100
µV/mA
Voltage Noise
eN p-p , 0.1 Hz to 10 Hz
6.8
µVrms
Voltage Noise Density
eN 1kHz, 2.5V Reference
273.5
nV/√Hz
Turn-On Settling Time
100nF
1.5
ms
Long-Term Stability
1000 hours
TBD
ppm
EXTERNAL
Input Voltage
REF_IN = (REF+) – (REF−)
1
2.5V
AVDD1x
V
Buffer Headroom
AVSS + 0.1
AVDD1x−0.1
REF− Input Voltage
AVSS
AVDD1x–REFx+
V
Average REF Current
Current per channel
REF BUF DISABLED, HR
mode
18
µA/V
REF BUF PRE-Q, HR mode
200
nA/V
REF BUF DISABLED, LP
mode
4.5
µA/V
REF BUF PRE-Q, LP mode
100
nA/V
REF BUF ENABLED
120
nA/V
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+105
°C
AD7771
Preliminary Technical Data


Similar Part No. - AD7771

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771BCPZ AD-AD7771BCPZ Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771BCPZ-RL AD-AD7771BCPZ-RL Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
More results

Similar Description - AD7771

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7779 AD-AD7779 Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770 Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
logo
Linear Technology
LTC2325-16 LINER-LTC2325-16 Datasheet
1Mb / 30P
   Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
LTC2320-12 LINER-LTC2320-12 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com