Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4403DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4403DY
Description  P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4403DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4403DY Datasheet HTML 1Page - Vishay Siliconix SI4403DY Datasheet HTML 2Page - Vishay Siliconix SI4403DY Datasheet HTML 3Page - Vishay Siliconix SI4403DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4403DY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71683
S-04393—Rev. A, 13-Aug-01
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
VDS = –16 V, VGS = 0 V
–1
m
Zero Gate Voltage Drain Current
IDSS
VDS = –16 V, VGS = 0 V, TJ = 70_C
–10
mA
On-State Drain Currenta
ID(on)
VDS –5 V, VGS = –4.5 V
20
A
VGS = –4.5 V, ID = –7.4 A
0.014
0.017
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –6.3 A
0.018
0.023
W
DS(on)
VGS = –1.8 V, ID = –5.5 A
0.024
0.032
W
Forward Transconductancea
gfs
VDS = –15 V, ID = –7.4 A
28
S
Diode Forward Voltagea
VSD
IS = –1.3 A, VGS = 0 V
–0.64
–1.1
V
Dynamicb
Total Gate Charge
Qg
30.5
50
Gate-Source Charge
Qgs
VDS = –10 V, VGS = –5 V, ID = –7.4 A
5.3
nC
Gate-Drain Charge
Qgd
3.8
Turn-On Delay Time
td(on)
30
50
Rise Time
tr
VDD = –10 V, RL = 15 W
30
50
Turn-Off Delay Time
td(off)
VDD = –10 V, RL = 15 W
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
110
200
ns
Fall Time
tf
65
110
Source-Drain Reverse Recovery Time
trr
IF = –1.3 A, di/dt = 100 A/ms
45
80
Notes
a
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
0
6
12
18
24
30
02468
VGS = 5 thru 2 V
TC = 125_C
–55
_C
25
_C
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
1.5 V
0 – 1 V


Similar Part No. - SI4403DY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4403DY-T1-E3 VBSEMI-SI4403DY-T1-E3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - SI4403DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com