Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4505DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4505DY
Description  N- and P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4505DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4505DY Datasheet HTML 1Page - Vishay Siliconix SI4505DY Datasheet HTML 2Page - Vishay Siliconix SI4505DY Datasheet HTML 3Page - Vishay Siliconix SI4505DY Datasheet HTML 4Page - Vishay Siliconix SI4505DY Datasheet HTML 5Page - Vishay Siliconix SI4505DY Datasheet HTML 6Page - Vishay Siliconix SI4505DY Datasheet HTML 7Page - Vishay Siliconix SI4505DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
D TrenchFETr Power MOSFET
APPLICATIONS
D Level Shift
D Load Switch
Si4505DY
Vishay Siliconix
New Product
Document Number: 71826
S-20829—Rev. A, 17-Jun-02
www.vishay.com
1
N- and P-Channel MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.018 @ VGS = 10 V
7.8
N-Channel
30
0.027 @ VGS = 4.5 V
6.4
0.042 @ VGS = –4.5 V
–5.0
P-Channel
–8
0.060 @ VGS = –2.5 V
–4.0
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
S2
G2
G1
S1
D2
D1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
N-Channel
P-Channel
Parameter
Symbol
10 sec.
Steady State
10 sec.
Steady State
Unit
Drain-Source Voltage
VDS
30
–8
Gate-Source Voltage
VGS
"20
"8
V
_
TA = 25_C
7.8
6.0
–5.0
–3.8
Continuous Drain Current (TJ = 150_C)a, b
TA = 70_C
ID
6.0
5.2
–3.6
–3.0
Pulsed Drain Current
IDM
30
–30
A
Continuous Source Current (Diode Conduction)a, b
IS
1.8
1.0
–1.8
1.0
TA = 25_C
2
1.20
2
1.2
Maximum Power Dissipationa, b
TA = 70_C
PD
1.3
0.75
1.3
0.75
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
N-Channel
P- Channel
Parameter
Symbol
Typ
Max
Typ
Max
Unit
t
v 10 sec
50
62.5
50
62.5
Maximum Junction-to-Ambienta
Steady-State
RthJA
85
105
85
105
_C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
30
40
30
40
C/W
Notes
a.
Surface Mounted on FR4 Board.
b.
t
v 10 sec


Similar Part No. - SI4505DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4505DY VISHAY-SI4505DY Datasheet
279Kb / 12P
   N- and P-Channel MOSFET
Rev. C, 18-May-09
SI4505DY-T1 VISHAY-SI4505DY-T1 Datasheet
279Kb / 12P
   N- and P-Channel MOSFET
Rev. C, 18-May-09
More results

Similar Description - SI4505DY

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI4505DY KEXIN-KI4505DY Datasheet
57Kb / 2P
   N- and P-Channel MOSFET
KI4503DY KEXIN-KI4503DY Datasheet
57Kb / 2P
   N- and P-Channel MOSFET
logo
Vishay Siliconix
SI4503DY VISHAY-SI4503DY Datasheet
62Kb / 7P
   N- and P-Channel MOSFET
Rev. B, 17-Jun-02
logo
Shanghai Leiditech Elec...
LM6L3PN02 LEIDITECH-LM6L3PN02 Datasheet
2Mb / 6P
   N-Channel and P-Channel MOSFET
LM6T20V3 LEIDITECH-LM6T20V3 Datasheet
1Mb / 6P
   N-Channel and P-Channel MOSFET
logo
Vishay Siliconix
SI4505DY-T1 VISHAY-SI4505DY-T1 Datasheet
279Kb / 12P
   N- and P-Channel MOSFET
Rev. C, 18-May-09
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
International Rectifier
IRF7343PBF IRF-IRF7343PBF_15 Datasheet
225Kb / 10P
   DUAL N AND P CHANNEL MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
   N-Ch and P-Channel MOSFET
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
   Complementary (N- and P-Channel) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com