Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP01-30AY Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDP01-30AY
Description  Automotive TVS for load dump protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP01-30AY Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDP01-30AY Datasheet HTML 3Page - STMicroelectronics LDP01-30AY Datasheet HTML 4Page - STMicroelectronics LDP01-30AY Datasheet HTML 5Page - STMicroelectronics LDP01-30AY Datasheet HTML 6Page - STMicroelectronics LDP01-30AY Datasheet HTML 7Page - STMicroelectronics LDP01-30AY Datasheet HTML 8Page - STMicroelectronics LDP01-30AY Datasheet HTML 9Page - STMicroelectronics LDP01-30AY Datasheet HTML 10Page - STMicroelectronics LDP01-30AY Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package information
LDP01-xxAY
8/11
DocID026556 Rev 2
Figure 19. Footprint (dimensions in mm)
Table 5. D2PAK dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.30
1.75
0.051
0.069
M
2.29
2.79
0.090
0.110
R
0.40 typ.
0.016 typ.
V2
16.90
12.2
9.75
3.50
5.08
1.60
2.54


Similar Part No. - LDP01-30AY

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
LDP ANOVA-LDP Datasheet
331Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP LUGUANG-LDP Datasheet
881Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Mini-Circuits
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
   Diplexer
LDP-1050-252++ MINI-LDP-1050-252+ Datasheet
301Kb / 2P
   Diplexer
logo
LUMEX INC.
LDP-2R2608RD-50 LUMEX-LDP-2R2608RD-50 Datasheet
147Kb / 3P
   CUSTOM LED DISPLAY
More results

Similar Description - LDP01-30AY

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM11KLD8S24CAP PROTEC-PAM11KLD8S24CAP Datasheet
371Kb / 5P
   high power tvs for automotive load dump applications
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
   LOAD DUMP TRANSIENT PROTECTION
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
   Transient protection load dump
June 2012 Rev 1
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX5099 MAXIM-MAX5099 Datasheet
640Kb / 27P
   Dual, 2.2MHz, Automotive Synchronous Buck Converter with 80V Load-Dump Protection
Rev 0; 5/08
logo
StarHope
LCT40B SPSEMI-LCT40B Datasheet
787Kb / 3P
   Transient Voltage Suppressor Diode Especially Designed For Load Dump Protection
logo
Sensitron
SCP-4188 SENSITRON-SCP-4188 Datasheet
60Kb / 2P
   Load Dump Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com