Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA14442 Datasheet(PDF) 5 Page - Cree, Inc

Part # CA14442
Description  Veronica series
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA14442 Datasheet(HTML) 5 Page - Cree, Inc

  CA14442 Datasheet HTML 1Page - Cree, Inc CA14442 Datasheet HTML 2Page - Cree, Inc CA14442 Datasheet HTML 3Page - Cree, Inc CA14442 Datasheet HTML 4Page - Cree, Inc CA14442 Datasheet HTML 5Page - Cree, Inc CA14442 Datasheet HTML 6Page - Cree, Inc CA14442 Datasheet HTML 7Page - Cree, Inc CA14442 Datasheet HTML 8Page - Cree, Inc CA14442 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
0%
25%
50%
75%
100%
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Relative intensity of CA14442_VERONICA-SQ-W_(XPH35_HI)


Similar Part No. - CA14442

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14442 LEDIL-CA14442 Datasheet
10Mb / 14P
   ~50째 wide beam
More results

Similar Description - CA14442

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA14461 CREE-CA14461 Datasheet
2Mb / 50P
   Veronica series
CA13724 CREE-CA13724 Datasheet
868Kb / 15P
   Veronica series
C13529 CREE-C13529 Datasheet
3Mb / 57P
   Veronica series
CA14601 CREE-CA14601 Datasheet
1,023Kb / 18P
   Veronica series
C13528 CREE-C13528 Datasheet
1Mb / 27P
   Veronica series
CA13726 CREE-CA13726 Datasheet
2Mb / 45P
   Veronica series
logo
Ledil, Inc.
C13528 LEDIL-C13528 Datasheet
1Mb / 31P
   Veronica Lens
CA14602 LEDIL-CA14602 Datasheet
1Mb / 21P
   Veronica Assembly
CA15519 LEDIL-CA15519 Datasheet
736Kb / 11P
   Veronica Assembly
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com