Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

691241600009 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 691241600009
Description  Serie 2416 - 10.16 mm Vertical Entry w. Rising Cage Clamp WR-TBL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

691241600009 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  691241600009 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 691241600009 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 691241600009 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 691241600009 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions: [mm]
2,6 x 2
1
End
L ±0.1
Pl ±0.1
2,54
10,16 ±0.1
0,75
1 x 0,5
Recommended Hole Pattern: [mm]
1
End
10,16 ±0.1
pl ±0.1
Properties
Value
Unit
Pins
5
Pin to Pin (Middle)
Pl
40.64
mm
Length
L
45.72
mm
Article Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
Xla
Fbr
DIN ISO 2768-1m
DESCRIPTION
Serie 2416 - 10.16 mm Vertical
Entry w. Rising Cage Clamp WR-TBL ORDERCODE
691 241 600 005
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
001.001
Valid
2016-11-25
eiCan
1/4
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 691241600009

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
691249510002 WURTH-691249510002 Datasheet
175Kb / 4P
   Serie 2495 - 5.08 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691249510003 WURTH-691249510003 Datasheet
175Kb / 4P
   Serie 2495 - 5.08 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
More results

Similar Description - 691241600009

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
691216600001 WURTH-691216600001 Datasheet
173Kb / 4P
   Serie 2166 - 10.16 mm Vertical Entry w. Rising Cage Clamp WR-TBL
691213600001 WURTH-691213600001 Datasheet
173Kb / 4P
   Serie 2136 - 10.16 mm Vertical Entry w. Rising Cage Clamp WR-TBL
691213610001 WURTH-691213610001 Datasheet
174Kb / 4P
   Serie 2136 - 10.16 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691213800001 WURTH-691213800001 Datasheet
173Kb / 4P
   Serie 2138 - 10.00 mm Vertical Entry w. Rising Cage Clamp WR-TBL
691216800001 WURTH-691216800001 Datasheet
173Kb / 4P
   Serie 2168 - 10.00 mm Vertical Entry w. Rising Cage Clamp WR-TBL
691233510004S WURTH-691233510004S Datasheet
179Kb / 4P
   Serie 2335S - 5.08 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691213810001 WURTH-691213810001 Datasheet
173Kb / 4P
   Serie 2138 - 10.00 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691249510003 WURTH-691249510003 Datasheet
175Kb / 4P
   Serie 2495 - 5.08 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691213810002 WURTH-691213810002 Datasheet
176Kb / 4P
   Serie 2138 - 10.00 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691201820002 WURTH-691201820002 Datasheet
175Kb / 4P
   Serie 2018 - 10.00mm 45 Entry w. Rising Cage Clamp WR-TBL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com