Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-DWR-T200P-V23X-93 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-DWR-T200P-V23X-93
Description  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-DWR-T200P-V23X-93 Datasheet(HTML) 1 Page - Amphenol Corporation

  P-DWR-T200P-V23X-93 Datasheet HTML 1Page - Amphenol Corporation P-DWR-T200P-V23X-93 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30°
6.
UL FILE NUMBER: E64911
A1
NOTES:
MATERIALS: ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND AMENDMENTS.
1.
HOUSING: HIGH TEMPERATURE RESISTANT NYLON, UL FLAMMABILITY RATING 94V-0, COLOUR BLACK
POWER CONTACTS: COPPER ALLOY. SEE NOTE 2 FOR PLATING
CONTACT SCREW WITH LOCK & FLAT WASHER: BRASS, PLATED WITH 100µ" MIN NICKEL
PLASTIC THREAD FORMING SCREW: STEEL, NICKEL PLATED
PLATING:
2.
FOR P/N DWR-T200P-V233-93, POWER CONTACTS PLATED WITH 0.76µm (30µ”) GOLD OVER 1.27µm (50µ”) NICKEL
FOR P/N DWR-T200P-V236-93, POWER CONTACTS PLATED WITH 5.08µm (200µ”) SILVER OVER 1.00µm (39µ”) NICKEL
WHEN MATING WITH SOCKET CONNECTOR P/N DWR-T200S-V23X-91 OR DWR-T200S-V23X-92, THE INSERTION FORCE REQUIRED
3.
WILL BE 5 KG MAX. THE WITHDRAWAL FORCE REQUIRED FOR SEPARATION WILL BE 0.7 KG MIN, 3 KG MAX. THE ORDER OF
MECHANICAL AND ELECTRICAL ENGAGEMENT IS A) HOUSING BLADES, B) HOUSING SHROUD AND C) POWER CONTACTS.
THREADED TERMINATION AND BLIND MOUNTING HOLES DESIGNED FOR ASSEMBLY ONTO 1.57mm [.062"] THICK PCB;
4.
0.621 0.056 N.m (5.5 0.5 in.lbs) TORQUE TO BE APPLIED TO CONTACT SCREWS,
1.47 N.m (13 in.lbs) MAXIMUM TORQUE TO BE APPLIED TO THREAD FORMING SCREWS.
ELECTRICAL CHARACTERISTICS
5.
- CURRENT RATING: 40A PER CONTACT
- DIELECTRIC WITHSTANDING VOLTAGE: 1500VDC
- OPERATING TEMPERATURE: -55C TO +105C
- INSULATION RESISTANCE: 5000 MEGAOHMS
A2
NOV17/10
03554
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
DEC18/14
R
DEC04/14
S.M.
DWR SERIES SLIM DRAWER, 2 POWER
2
R
SCALE:
REV
DWG.
NO.
THIRD
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
6
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
REVISIONS
S.M.
ADDED NEW TORX SCREW
SHEET
THREADED TERMINATION, RoHS COMPLIANT
S.CAELERS
1
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
EXTENDED PIN CONNECTOR, SIZE 10
DRAWING
2
1
2:1
X
EAR 13802
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
CONTACTS, SPECIAL .288" PITCH,
DWG SIZE:
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
SCALE
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
ANGLE
REF.
P-DWR-T200P-V23X-93
P
CHANGED PCB LAYOUT TITLE
N
NOTE 1, UPDATED SEATING AREA ON PCB
0.10
ANGULAR DEGREES
NOV28/14
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
ADDED CONTACT & FORMING SCREWS TO
S.M.
M3 x 0.5 THREAD
x 6.00 [.236] DEEP
2 PLCS
FLATS PREVENT PINS
FROM ROTATING WHEN
TORQUE IS APPLIED TO
CONTACT SCREWS
.902
22.91
13.85
.545
.055
25.57
1.007
.413
10.50
28.49
1.122
15.99
.630
1.40
0.08
(CONTACT
SHOULDER
TO TIP)
CONTACT FLUSH
TO SURFACE
0.13
-0.30
.005
-.012
SCREW HEADS
MOUNTING HOLES STAGGERED
TO PREVENT BACKPLANE
ASSEMBLY ERRORS AND
PROVIDE CLEARANCE FOR
CORE OUT
BOTH SIDES
0.08
5.39
.299
.212
.100
0.08
.288
0.08
13.20
.520
3.00
.118
7.32
0.08
.236
7.59
6.00
2 X
2.55
5.97±0.03
.235±.001
P/N: DWR-T200P-V23X-93
POWER CONTACTS
PIN HOUSING
HOUSING BLADE IS
OFF CENTER TO
PREVENT IMPROPER
MATING
4.10
.001
+
ALIGNMENT
.002
.161
1.50
0.03
FORMING SCREW
+
CORRECTION
2 PLCS
.180
-
.059
39.42
REF
1.552
HOUSING BLADE
.374
4.57
-0.05
9.50
MOUNTING HOLES
FOR THREAD
2.00
LEAD IN
.079
CORE OUT


Similar Part No. - P-DWR-T200P-V23X-93

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results

Similar Description - P-DWR-T200P-V23X-93

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com