Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER158 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # HER158
Description  1.5 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HER158 Datasheet(HTML) 1 Page - Nanjing International Group Co

  HER158 Datasheet HTML 1Page - Nanjing International Group Co HER158 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER151
HER158
THRU
1.5 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
1.5
1.0
1.3
1.85
50
5.0
150
50
7
5
30
-65
+150
V
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.40 grams
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.5 Ampere
HER151 HER152 HER153 HER154 HER155 HER156 HER157 HER158
UNITS
50
100
200
300
400
600
800
1000
50
100
200
300
400
600
800
1000
35
70
140
210
280
420
560
700
V
V
* High speed switching
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.03
1(.8)
.02
3(.6)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range T , T
J
STG
A
A
V
µA
µA
nS
pF
C
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - HER158

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HER158 GWSEMI-HER158 Datasheet
69Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
HER158 WTE-HER158 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER158 DGNJDZ-HER158 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER158 TSC-HER158 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Shanghai Shunye Electro...
HER158 SY-HER158 Datasheet
234Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER158

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER151 DGNJDZ-HER151 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER151 GWSEMI-HER151 Datasheet
69Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER151 FORMOSA-HER151 Datasheet
34Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER151 BYTES-HER151 Datasheet
154Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER154-2C1.5A-2CDO-15 DGNJDZ-HER154-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER158-2C1.5A-2CDO-15 DGNJDZ-HER158-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER153-2C1.5A-2CDO-15 DGNJDZ-HER153-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER155-2C1.5A-2CDO-15 DGNJDZ-HER155-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER156-2C1.5A-2CDO-15 DGNJDZ-HER156-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER157.1.5A-2CDO-15 DGNJDZ-HER157.1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com