Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2149BN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA2149BN
Description  3 V AM/FM 1 Chip Tuner IC (for Digital Tuning System)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2149BN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA2149BN Datasheet HTML 1Page - Toshiba Semiconductor TA2149BN Datasheet HTML 2Page - Toshiba Semiconductor TA2149BN Datasheet HTML 3Page - Toshiba Semiconductor TA2149BN Datasheet HTML 4Page - Toshiba Semiconductor TA2149BN Datasheet HTML 5Page - Toshiba Semiconductor TA2149BN Datasheet HTML 6Page - Toshiba Semiconductor TA2149BN Datasheet HTML 7Page - Toshiba Semiconductor TA2149BN Datasheet HTML 8Page - Toshiba Semiconductor TA2149BN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TA2149BN/BFN
2001-12-21
3
Explanation of Terminals
(Terminal Voltage: Typical terminal voltage at no signal with test circuit,
VCC
==== 3 V, Ta ==== 25°°°°C)
Terminal Voltage
(Typ.) (V)
PIN
No.
Characteristic
Internal Circuit
AM
FM
1
RF GND
(GND for FM RF stage)
¾
0
0
2
FM-RFin
0
0.8
3
AM LOW CUT
1.0
¾
4
MIX OUT
3.0
3.0
5
VCC
(VCC for AM, FM IF, MPX)
¾
3.0
3.0
6
AM IF IN
2.3
2.5
VCC
5
1
8
4
FM
MIX
RF GND
AM
MIX
GND
6
GND 8
1
24
2
RF GND
8
3
22 k
W
AM
DET
22 k
W
GND


Similar Part No. - TA2149BN

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA2140AM TRANSKO-TA2140AM Datasheet
397Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 1: July 2011
TA2140CM1 TRANSKO-TA2140CM1 Datasheet
444Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0:
TA2140EM TRANSKO-TA2140EM Datasheet
352Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: May 2009
TA2140FM TRANSKO-TA2140FM Datasheet
386Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2009
TA2140GM TRANSKO-TA2140GM Datasheet
457Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: August 2012
More results

Similar Description - TA2149BN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008AN TOSHIBA-TA2008AN_02 Datasheet
741Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
Toshiba Semiconductor
TA2154AFN TOSHIBA-TA2154AFN Datasheet
171Kb / 13P
   1.5 V 1 Chip Tuner IC (for Digital Tuning System)
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Tiger Electronic Co.,Lt...
TA7792 TGS-TA7792 Datasheet
476Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
   3V AM / FM 1 CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com