Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1030CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SR1030CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SR1030CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SR1030CT_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. SR1030CT_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. SR1030CT_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: TO-220AB molded plastic
Polarity: As marked on the body
Weight: 0.08ounces,2.24 grams
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SR
SR
SR
SR
SR
SR
SR
1030CT 1040CT 1050CT 1060CT 1080CT 10100CT 10150CT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
40
50
60
80
100
150
V
Maximum RMS Voltage
VRMS
21
28
35
42
56
70
105
V
Maximum DC Blocking Voltage
VDC
30
40
50
60
80
100
150
V
Maximum Average Forward
Rectified Current ( See Fig.1)
@TC=95 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 5.0A DC (Note1)
VF
0.95
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=100℃
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
Dimensions in inches and (millimeters)
SYMBOL
120
IFSM
50
3.0
-55 to +150
0.70
3.Thermal resistance junction to case.
0.85
A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
1.0
250
mA
IR
-55 to +150
NOTES:1.300us pulse width,2% duty cycle.
0.55
SR1030CT thru SR10150CT
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 30 to 150Volts
FORWARD CURRENT - 10.0 Amperes
Metal of silicon rectifier , majority carrier conduction
A
UNIT
Plastic package has UL flammability
classification 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
I(AV)
10
CHARACTERISTICS
TO-220AB
.057(1.45)
.045(1.14)
.177
(4.5)
MAX
MAX
(3.5)
.138
.055(1.4)
.047(1.2)
.173(4.4)
.189(4.8)
.531(13.5)
.583(14.8)
.610(15.5)
.583(14.8)
.230(5.8)
.270(6.9)
.091(2.3)
.102(2.6)
.043(1.1)
.032(0.8)
.135(3.44)
.103 (2.62)
.153(3.9)
.146(3.7)
.374(9.5)
.413(10.5)
.024(0.6)
.012(0.3)


Similar Part No. - SR1030CT_17

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR1030CT-10A-TO-220AB DGNJDZ-SR1030CT-10A-TO-220AB Datasheet
121Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - SR1030CT_17

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com