Electronic Components Datasheet Search |
|
SRF2030CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
SRF2030CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 3 page FEATURES ●Guard ring for transient protection ●Low power loss,high efficiency ●High current capability,low VF ●High surge capacity MECHANICAL DATA ●Case: ITO-220AB molded plastic ●Polarity: As marked on the body ● Weight: 0.08ounces,2.24 grams ●Mounting position :Any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% SRF SRF SRF SRF SRF SRF SRF 2030CT 2040CT 2050CT 2060CT 2080CT 20100CT 20150CT Maximum Recurrent Peak Reverse Voltage VRRM 30 40 50 60 80 100 150 V Maximum RMS Voltage VRMS 21 28 35 42 56 70 105 V Maximum DC Blocking Voltage VDC 30 40 50 60 80 100 150 V Maximum Average Forward Rectified Current ( See Fig.1) @TC=95 ℃ Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage at 10.0A DC(Note1) VF 0.95 V Maximum DC Reverse Current @TJ=25℃ at Rated DC Bolcking Voltage @TJ=100℃ Typical Junction Capacitance (Note2) CJ pF Typical Thermal Resistance (Note3) RθJC ℃ /W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ 4.The typical data above is for reference only(典型值仅供参考). Rev. 7, 16-Mar-2017 0.55 SRF2030CT thru SRF20150CT wheeling,and polarity protection applications NOTES:1.300us pulse width,2% duty cycle. SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 150Volts FORWARD CURRENT - 20.0 Amperes 0.70 CHARACTERISTICS UNIT 2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 1.0 600 2.0 -55to+150 50 mA IR -55to+150 SYMBOL ●Metal of silicon rectifier , majority carrier conduction ●Plastic package has UL flammability classification 94V-0 ●For use in low voltage,high frequency inverters,free 0.85 I(AV) A 20 200 A IFSM 3.Thermal resistance junction to case. ITO-220AB MAX .511(13.0) .551(14.0) .020(0.50) .028(0.70) .095(2.41) .105(2.67) .020(0.50) .031(0.80) .118(3.0) .583(14.8) .622(15.8) .102(2.6) .386(9.8) .406(10.3) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .114(2.9) .098(2.5) .059(1.5) .043(1.1) .071 (1.8) .138(3.5) .122(3.1) .118(3.0) .157(4.0) |
Similar Part No. - SRF2030CT |
|
Similar Description - SRF2030CT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |