Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSS-B20-085H Datasheet(PDF) 1 Page - CUI INC

Part # HSS-B20-085H
Description  solder pin for secure PCB mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

HSS-B20-085H Datasheet(HTML) 1 Page - CUI INC

  HSS-B20-085H Datasheet HTML 1Page - CUI INC HSS-B20-085H Datasheet HTML 2Page - CUI INC HSS-B20-085H Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 03/30/2017
page 1 of 3
cui.com
MODEL: HSS-B20-085H
│ DESCRIPTION: HEAT SINK
FEATURES
• TO-220 package
• round hole for component attachment
• solder pin for secure PCB mounting
• black anodized finish
MODEL
thermal resistance1
power
dissipation1
@ 75°C ΔT,
nat conv
(°C/W)
@ 1 W,
nat conv
(°C/W)
@ 1 W,
200 LFM
(°C/W)
@ 1 W,
400 LFM
(°C/W)
@ 75°C ΔT,
nat conv
(W)
HSS-B20-085H
22.06
26.05
7.46
5.20
3.40
Note:
1. See performance curves for full thermal resistance details.
PERFORMANCE CURVES
0
10
20
30
40
50
60
70
80
90
100
01
23
45
Dissipated Power (W)
Without Airflow
200 LFM
400 LFM
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
26.05
7.46
5.20
2
48.51
14.24
10.69
3
68.48
21.48
16.04
4
86.75
28.25
21.52
5
104.54
35.39
27.11
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
For more information, please visit the product page.


Similar Part No. - HSS-B20-085H

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-01 CUI-HSS-B20-01 Datasheet
319Kb / 3P
   slide in style for easy component attachment
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
   HEAT SINK
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
HSS-B20-043H-01 CUI-HSS-B20-043H-01 Datasheet
307Kb / 3P
   solder pins for secure PCB mounting
HSS-B20-0452H CUI-HSS-B20-0452H Datasheet
325Kb / 3P
   shur-lock tabs
More results

Similar Description - HSS-B20-085H

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-0635 CUI-HSS-B20-0635 Datasheet
359Kb / 4P
   solder pin for secure PCB mounting
HSS-B20-061H-03 CUI-HSS-B20-061H-03 Datasheet
270Kb / 3P
   solder pin for secure PCB mounting
HSS-B20-043H-01 CUI-HSS-B20-043H-01 Datasheet
307Kb / 3P
   solder pins for secure PCB mounting
SJD1-3201-54 CUI-SJD1-3201-54 Datasheet
466Kb / 3P
   placement pins for secure PCB mounting
logo
Picker Components
SC113-2C-PCB PICKER-SC113-2C-PCB Datasheet
91Kb / 1P
   8 Pin Midget Socket for PCB Mounting
logo
Meder Electronic
MK06-4-C MEDER-MK06-4-C Datasheet
527Kb / 4P
   Reed Sensors for PCB Mounting
MK6-4-B MEDER-MK6-4-B Datasheet
466Kb / 5P
   Reed Sensors for PCB Mounting
logo
AIMTEC
AM30K-I-Z AIMTEC-AM30K-I-Z Datasheet
328Kb / 5P
   Power modules for PCB mounting
logo
Schurter Inc.
PMS SCHURTER-PMS_V02 Datasheet
328Kb / 4P
   Push button for PCB mounting
04.01.2022
5500 SCHURTER-5500 Datasheet
664Kb / 3P
   AC Filter for PCB Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com